Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5357-SMYMME Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5357-SMYMME
Description  High Performance, Low Noise Dual 500mA ULDO?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5357-SMYMME Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5357-SMYMME Datasheet HTML 3Page - Micrel Semiconductor MIC5357-SMYMME Datasheet HTML 4Page - Micrel Semiconductor MIC5357-SMYMME Datasheet HTML 5Page - Micrel Semiconductor MIC5357-SMYMME Datasheet HTML 6Page - Micrel Semiconductor MIC5357-SMYMME Datasheet HTML 7Page - Micrel Semiconductor MIC5357-SMYMME Datasheet HTML 8Page - Micrel Semiconductor MIC5357-SMYMME Datasheet HTML 9Page - Micrel Semiconductor MIC5357-SMYMME Datasheet HTML 10Page - Micrel Semiconductor MIC5357-SMYMME Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Micrel, Inc.
MIC5357
January 2011
9
M9999-011311
Typical Application Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1, C2,C3
C1005X5R0J225M
TDK
(1)
Capacitor, 2.2µF Ceramic, 6.3V, X5R, Size 0402
3
C4
VJ0402Y104KXX
Vishay
(2)
Capacitor, 0.1µF Ceramic, 25V, X7R, Size 0402
1
U1
MIC5357-xxYMME
Micrel, Inc.
(3)
High Performance, Low Noise Dual 500mA ULDO™
1
Notes:
1. TDK: www.tdk.com.
2. Vishay Tel: www.vishay.com.
3. Micrel, Inc.: www.micrel.com.


Similar Part No. - MIC5357-SMYMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-2.8/1.8YMT MICREL-MIC5350-2.8/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-2.8/2.8YMT MICREL-MIC5350-2.8/2.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-3.0/1.8YMT MICREL-MIC5350-3.0/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-3.3/1.8YMT MICREL-MIC5350-3.3/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
More results

Similar Description - MIC5357-SMYMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5331 MICREL-MIC5331 Datasheet
279Kb / 10P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5332 MICREL-MIC5332_08 Datasheet
382Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com