Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC29301-12WT Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC29301-12WT
Description  High-Current Low-Dropout Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29301-12WT Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC29301-12WT Datasheet HTML 3Page - Micrel Semiconductor MIC29301-12WT Datasheet HTML 4Page - Micrel Semiconductor MIC29301-12WT Datasheet HTML 5Page - Micrel Semiconductor MIC29301-12WT Datasheet HTML 6Page - Micrel Semiconductor MIC29301-12WT Datasheet HTML 7Page - Micrel Semiconductor MIC29301-12WT Datasheet HTML 8Page - Micrel Semiconductor MIC29301-12WT Datasheet HTML 9Page - Micrel Semiconductor MIC29301-12WT Datasheet HTML 10Page - Micrel Semiconductor MIC29301-12WT Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Micrel, Inc.
MIC29150/29300/29500/29750
January 2012
7
M9999-013112-B
Notes:
1.
Maximum positive supply voltage of 60V must be of limited duration (<100msec) and duty cycle (≤1%). The maximum continuous supply voltage is
26V. Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended.
4.
Specification for packaged product only.
5.
Full load current (IFL) is defined as 1.5A for the MIC29150, 3A for the MIC29300, 5A for the MIC29500, and 7.5A for the MIC29750 families.
6. Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its normal value with VOUT + 1V applied to VIN.
7.
VIN = VOUT (nominal) + 1V. For example, use VIN = 4.3V for a 3.3V regulator or use 6V for a 5V regulator. Employ pulse-testing procedures to pin
current.
8.
Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current plus the ground pin
current.
9.
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
10. Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a200mA load pulse at VIN = 20V (a 4W pulse) for T = 10ms.
11. Comparator thresholds are expressed in terms of a voltage differential at the Adjust terminal below the nominal reference voltage measured at 6V
input. To express these thresholds in terms of output voltage change, multiply by the error amplifier gain = VOUT/VREF = (R1 + R2)/R2. For example,
at a programmed output voltage of 5V, the Error output is guaranteed to go low when the output drops by 95mV x 5V/1.240V = 384mV. Thresholds
remain constant as a percent of VOUT as VOUT is varied, with the dropout warning occurring at typically 5% below nominal, 7.7% guaranteed.
12. VEN ≤ 0.8V and VIN ≤ 26V, VOUT = 0.
13. When used in dual supply systems where the regulator load is returned to a negative supply, the output voltage must be diode clamped to ground.


Similar Part No. - MIC29301-12WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29301-12WT MICREL-MIC29301-12WT Datasheet
714Kb / 23P
   High-Current Low-Dropout Regulators
More results

Similar Description - MIC29301-12WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150 Datasheet
132Kb / 20P
   High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
   High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_10 Datasheet
714Kb / 23P
   High-Current Low-Dropout Regulators
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com