Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5355-S4YMME Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5355-S4YMME
Description  Dual 500mA 關Cap Low Dropout, Micropower Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5355-S4YMME Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5355-S4YMME Datasheet HTML 7Page - Micrel Semiconductor MIC5355-S4YMME Datasheet HTML 8Page - Micrel Semiconductor MIC5355-S4YMME Datasheet HTML 9Page - Micrel Semiconductor MIC5355-S4YMME Datasheet HTML 10Page - Micrel Semiconductor MIC5355-S4YMME Datasheet HTML 11Page - Micrel Semiconductor MIC5355-S4YMME Datasheet HTML 12Page - Micrel Semiconductor MIC5355-S4YMME Datasheet HTML 13Page - Micrel Semiconductor MIC5355-S4YMME Datasheet HTML 14Page - Micrel Semiconductor MIC5355-S4YMME Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Micrel, Inc.
MIC5355/6
March 2012
11
M9999-031512-A
Typical Application Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1, C2, C3
C1005X5R0J225M
TDK
(1)
2.2µF ceramic capacitor, 6.3V, X5R, size 0402
3
U1
MIC5355/6-xxYMME
Micrel, Inc.
(2)
Dual 500mA µCap Low-Dropout, Micropower Linear Regulator
1
Notes:
1. TDK: www.tdk.com.
2. Micrel, Inc.: www.micrel.com.


Similar Part No. - MIC5355-S4YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-2.8/1.8YMT MICREL-MIC5350-2.8/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-2.8/2.8YMT MICREL-MIC5350-2.8/2.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-3.0/1.8YMT MICREL-MIC5350-3.0/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-3.3/1.8YMT MICREL-MIC5350-3.3/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
More results

Similar Description - MIC5355-S4YMME

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com