Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GDZ10 Datasheet(PDF) 4 Page - WILLAS ELECTRONIC CORP

Part # GDZ10
Description  AXIAL LEAD ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

GDZ10 Datasheet(HTML) 4 Page - WILLAS ELECTRONIC CORP

  GDZ10 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP GDZ10 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP GDZ10 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP GDZ10 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Vz (V)
5
10
15
20
25
0
10
20
30
40
50
30
FIG. 1 POWER DERATING CURVE
50
0
100
200
300
400
500
100
150
200
250
AMBIENT TEMPERATURE, C
O
Fig.2 BREAKDOWN CHARACTERISTICS
Test Current
Iz=20mA
RATING AND CHARACTERISTIC CURVES
WILLAS
2009.10
WILLAS ELECTRONIC CORP.


Similar Part No. - GDZ10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZ10 PANJIT-GDZ10 Datasheet
66Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Frontier Electronics.
GDZ10A FRONTIER-GDZ10A Datasheet
125Kb / 4P
   500m WATT ZENER DIODE
logo
Formosa MS
GDZ10A FORMOSA-GDZ10A Datasheet
419Kb / 4P
   Zener diode
logo
EIC discrete Semiconduc...
GDZ10B EIC-GDZ10B Datasheet
40Kb / 2P
   ZENER DIODES
logo
SynSemi, Inc.
GDZ10B SYNSEMI-GDZ10B Datasheet
77Kb / 2P
   ZENER DIODES
More results

Similar Description - GDZ10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
1N5919B ANOVA-1N5919B Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
   Axial Lead Zener Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55-C PANJIT-BZX55-C Datasheet
126Kb / 4P
   AXIAL LEAD ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com