Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC29301-3.3WT Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC29301-3.3WT
Description  High-Current Low-Dropout Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29301-3.3WT Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC29301-3.3WT Datasheet HTML 2Page - Micrel Semiconductor MIC29301-3.3WT Datasheet HTML 3Page - Micrel Semiconductor MIC29301-3.3WT Datasheet HTML 4Page - Micrel Semiconductor MIC29301-3.3WT Datasheet HTML 5Page - Micrel Semiconductor MIC29301-3.3WT Datasheet HTML 6Page - Micrel Semiconductor MIC29301-3.3WT Datasheet HTML 7Page - Micrel Semiconductor MIC29301-3.3WT Datasheet HTML 8Page - Micrel Semiconductor MIC29301-3.3WT Datasheet HTML 9Page - Micrel Semiconductor MIC29301-3.3WT Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Micrel, Inc.
MIC29150/29300/29500/29750
January 2012
6
M9999-013112-B
Parameter
Condition
Min
Typ
Max
Units
en, Output Noise
Voltage
(10Hz to 100kHz)
IL = 100mA
CL = 10µF
CL = 33µF
400
260
µV
(rms)
Ground Current in
Shutdown
MIC29150/1/2/3 only VEN = 0.4V
2
10
30
µA
µA
Reference
MIC29xx2/MIC29xx3
Reference Voltage
1.228
1.215
1.240
1.252
1.265
V
V
Reference Voltage
1.203
1.277
V
Adjust Pin
Bias Current
40
80
120
nA
Reference Voltage
Temperature
Coefficient
(10)
20
ppm/°C
Adjust Pin Bias
Current
Temperature
Coefficient
0.1
nA/°C
Flag Output (Error Comparator) MIC29xx1/29xx3
Output Leakage
Current
VOH = 26V
0.01
1.00
2.00
µA
Output Low Voltage
Device set for 5V, VIN = 4.5V
IOL = 250µA
220
300
400
mV
Upper Threshold
Voltage
Device set for 5V
(11)
40
25
60
mV
Lower Threshold
Voltage
Device set for 5V
(11)
75
95
140
mV
Hysteresis
Device set for 5V
(11)
15
mV
ENABLE Input
MIC29xx1/MIC29xx2
Input Logic Voltage
Low (OFF)
High (ON)
2.4
0.8
V
Enable Pin
Input Current
VEN = 26V
100
600
750
µA
VEN = 0.8V
0.7
2
4
µA
Regulator Output
Current in Shutdown
(12)
10
500
µA


Similar Part No. - MIC29301-3.3WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29301-3.3WT MICREL-MIC29301-3.3WT Datasheet
714Kb / 23P
   High-Current Low-Dropout Regulators
More results

Similar Description - MIC29301-3.3WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150 Datasheet
132Kb / 20P
   High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
   High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_10 Datasheet
714Kb / 23P
   High-Current Low-Dropout Regulators
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com