Part Name
         Description
MIC29300-12BT

 High-Current Low-Dropout Regulators ( 23 Page)


MICREL
100% 
Zoom Out Zoom In
 
 1 page
background image
MIC29150/29300/29500/29750
High-Current Low-Dropout Regulators
**See Thermal Design Section
Super βeta PNP is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 2012
M9999-013112-B
General Description
The MIC29150/29300/29500/29750 are high current, high
accuracy, low-dropout voltage regulators. Using Micrel's
proprietary Super βeta PNP
® process with a PNP pass
element, these regulators feature 350mV to 425mV (full
load) typical dropout voltages and very low ground current.
Designed for high current loads, these devices also find
applications in lower current, extremely low dropout-critical
systems, where their tiny dropout voltage and ground
current values are important attributes.
The MIC29150/29300/29500/29750 are fully protected
against overcurrent faults, reversed input polarity, reversed
lead insertion, overtemperature operation, and positive
and negative transient voltage spikes. Five pin fixed
voltage versions feature logic level ON/OFF control and an
error flag which signals whenever the output falls out of
regulation. Flagged states include low input voltage
(dropout), output current limit, overtemperature shutdown,
and extremely high voltage spikes on the input.
On the MIC29xx1 and MIC29xx2, the ENABLE pin may be
tied to VIN if it is not required for ON/OFF control. The
MIC29150/29300/29500 are available in 3-pin and 5-pin
TO-220 and surface mount TO-263 (D
2Pak) packages.
The MIC29750 7.5A regulators are available in 3-pin and
5-pin TO-247 packages.
The 1.5A, adjustable output
MIC29152 is available in a 5-pin power D-Pak (TO-252)
package.
For applications with input voltage 6V or below, see
MIC37xxx LDOs.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• High current capability
MIC29150/29151/29152/29153.................................1.5A
MIC29300/29301/29302/29303....................................3A
MIC29500/29501/29502/29503....................................5A
MIC29750/29751/29752............................................7.5A
• Low-dropout voltage
• Low ground current
• Accurate 1% guaranteed tolerance
• Extremely fast transient response
• Reverse-battery and “Load Dump” protection
• Zero-current shutdown mode (5-pin versions)
• Error flag signals output out-of-regulation (5-pin
versions)
• Also characterized for smaller loads with industry-
leading performance specifications
• Fixed voltage and adjustable versions
Applications
• Battery powered equipment
• High-efficiency “Green” computer systems
• Automotive electronics
• High-efficiency linear lower supplies
• High-efficiency lost-regulator for switching supply
_________________________________________________________________________________________________________________________
Typical Application**
Fixed Output Voltage
Adjustable Output Voltage
(*See Minimum Load Current Section)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl