Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC22705YML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC22705YML
Description  1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22705YML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC22705YML Datasheet HTML 1Page - Micrel Semiconductor MIC22705YML Datasheet HTML 2Page - Micrel Semiconductor MIC22705YML Datasheet HTML 3Page - Micrel Semiconductor MIC22705YML Datasheet HTML 4Page - Micrel Semiconductor MIC22705YML Datasheet HTML 5Page - Micrel Semiconductor MIC22705YML Datasheet HTML 6Page - Micrel Semiconductor MIC22705YML Datasheet HTML 7Page - Micrel Semiconductor MIC22705YML Datasheet HTML 8Page - Micrel Semiconductor MIC22705YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MIC22705
1MHz, 7A Integrated Switch High-Efficiency
Synchronous Buck Regulator
Ramp Control is a trademark of Micrel, Inc
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The Micrel MIC22705 is a high-efficiency, 7A integrated
switch synchronous buck (step-down) regulator. The
MIC22705 is optimized for highest efficiency, achieving
more than 95% efficiency while still switching at 1MHz.
The ultra-high speed control loop keeps the output voltage
within regulation even under the extreme transient load
swings commonly found in FPGAs and low-voltage ASICs.
The output voltage is pre-bias safe and can be adjusted
down to 0.7V to address all low-voltage power needs.
The MIC22705 offers a full range of sequencing and
tracking options. The Enable/Delay (EN/DLY) pin,
combined with the Power Good (PG) pin, allows multiple
outputs to be sequenced in any way during turn-on and
turn-off. The Ramp Control™ (RC) pin allows the device to
be connected to another product in the MIC22xxx and/or
MIC68xxx family, to keep the output voltages within a
certain ∆V on start-up.
The MIC22705 is available in a 24-pin 4mm x 4mm MLF
®
with a junction operating range from –40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Input voltage range: 2.9V to 5.5V
• Output voltage adjustable down to 0.7V
• Output load current up to 7A
• Safe start-up into a pre-biased output load
• Full sequencing and tracking capability
• Power Good output
• Efficiency >95% across a broad load range
• Ultra-fast transient response
• Easy RC compensation
• 100% maximum duty cycle
• Fully-integrated MOSFET switches
• Thermal-shutdown and current-limit protection
• 24-pin 4mm x 4mm MLF®
• –40°C to +125°C junction temperature range
Applications
• High power density point-of-load conversion
• Servers, routers, and base stations
• DVD recorders / Blu-ray players
• Computing peripherals
• FPGAs, DSP and low-voltage ASIC power
_________________________________________________________________________________________________________________________
Typical Application
MIC22705 7A 1MHz Synchronous Output Converter
Efficiency (VIN = 5.0V)
vs. Output Current
50
55
60
65
70
75
80
85
90
95
100
0123
456
7
OUTPUT CURRENT (A)
2.5V
3.3V
VIN = 5.0V
March 2011
M9999-033111-A


Similar Part No. - MIC22705YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22705YML MICREL-MIC22705YML Datasheet
1Mb / 28P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705YML MICREL-MIC22705YML Datasheet
1Mb / 29P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
More results

Similar Description - MIC22705YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22700 MICREL-MIC22700_10 Datasheet
1Mb / 21P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_13 Datasheet
1Mb / 29P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705 Datasheet
1Mb / 28P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22700 MICREL-MIC22700 Datasheet
1Mb / 21P
   1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC22602 MICREL-MIC22602 Datasheet
855Kb / 24P
   1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
   High Efficiency 1MHz Synchronous Buck Regulator
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
   1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
   4A Integrated Switch High-Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com