Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC23150-CYMT Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC23150-CYMT
Description  4MHz PWM 2A Buck Regulator with HyperLight Load
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23150-CYMT Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC23150-CYMT Datasheet HTML 1Page - Micrel Semiconductor MIC23150-CYMT Datasheet HTML 2Page - Micrel Semiconductor MIC23150-CYMT Datasheet HTML 3Page - Micrel Semiconductor MIC23150-CYMT Datasheet HTML 4Page - Micrel Semiconductor MIC23150-CYMT Datasheet HTML 5Page - Micrel Semiconductor MIC23150-CYMT Datasheet HTML 6Page - Micrel Semiconductor MIC23150-CYMT Datasheet HTML 7Page - Micrel Semiconductor MIC23150-CYMT Datasheet HTML 8Page - Micrel Semiconductor MIC23150-CYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micrel Inc.
MIC23150
October 2009
3
M9999-102309-B
Absolute Maximum Ratings
(1)
Supply Voltage (VIN). ……………………………………….6V
Sense (VSNS).. ..................................................................6V
Output Switch Voltage (VSW) ............................................6V
Enable Input Voltage (VEN).. ..............................-0.3V to VIN
Storage Temperature Range .. ……………-65
°C to +150°C
ESD Rating
(3)..................................................................2kV
Operating Ratings
(2)
Supply Voltage (VIN)... …………………………..2.7V to 5.5V
Enable Input Voltage (VEN) .. ……………………….0V to VIN
Junction Temperature Range (TJ)... ….-40°C ≤ TJ ≤ +125°C
Thermal Resistance
2mm x 2mm Thin MLF-8 (
θJA) ...........................90°C/W
Electrical Characteristics
(4)
TA = 25°C; VIN = VEN = 3.6V; L = 1.0µH; COUT = 4.7µF unless otherwise specified.
Bold
values indicate –40°C
≤ TJ ≤ +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
2.7
5.5
V
Under-Voltage Lockout Threshold
(turn-on)
2.45
2.55
2.65
V
Under-Voltage Lockout Hysteresis
75
mV
Quiescent Current
IOUT = 0mA , SNS > 1.2 * VOUT Nominal
23
40
µA
Shutdown Current
VEN = 0V; VIN = 5.5V
0.01
5
µA
VIN = 3.6V if VOUTNOM < 2.5V, ILOAD = 20mA
Output Voltage Accuracy
VIN = 4.5V if VOUTNOM ≥ 2.5V, ILOAD = 20mA
-2.5
+2.5
%
Current Limit
SNS = 0.9*VOUTNOM
2.2
3.4
A
VIN = 3.6V to 5.5V if VOUTNOM < 2.5V, ILOAD = 20mA
Output Voltage Line Regulation
VIN = 4.5V to 5.5V if VOUTNOM ≥ 2.5V, ILOAD = 20mA
0.3
%/V
20mA < ILOAD < 500mA, VIN = 3.6V if VOUTNOM < 2.5V
Output Voltage Load Regulation
20mA < ILOAD < 500mA, VIN = 5.0V if VOUTNOM ≥ 2.5V
0.75
%/A
PWM Switch ON-Resistance
ISW = 100mA PMOS
ISW = -100mA NMOS
0.150
0.110
Ω
Switching Frequency
IOUT = 120mA
4
MHz
SoftStart Time
VOUT = 90%
115
µs
Enable Threshold
Turn-On
0.5
0.8
1.2
V
Enable Input Current
0.1
2
µA
Over-temperature Shutdown
160
°C
Over-temperature Shutdown
Hysteresis
20
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. Specification for packaged product only.


Similar Part No. - MIC23150-CYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23150-CYMT MICREL-MIC23150-CYMT Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
More results

Similar Description - MIC23150-CYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150 Datasheet
938Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23153 MICREL-MIC23153_11 Datasheet
792Kb / 18P
   4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23031 MICREL-MIC23031_10 Datasheet
1Mb / 18P
   4MHz PWM 400mA Buck Regulator with HyperLight Load
MIC23153 MICREL-MIC23153 Datasheet
761Kb / 18P
   4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC33050_1205 MICREL-MIC33050_1205 Datasheet
743Kb / 16P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC23050 MICREL-MIC23050_10 Datasheet
819Kb / 14P
   4MHz PWM Buck Regulator with HyperLight Load Switching Scheme
MIC23050 MICREL-MIC23050_11 Datasheet
827Kb / 15P
   4MHz PWM Buck Regulator with HyperLight Load??Switching Scheme
MIC33050 MICREL-MIC33050_09 Datasheet
632Kb / 13P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC33050 MICREL-MIC33050 Datasheet
586Kb / 13P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com