Part Name
         Description
MIC29150-12BT

 High-Current Low-Dropout Regulators ( 23 Page)


MICREL
100% 
Zoom Out Zoom In
 
 3 page
background image
Micrel, Inc.
MIC29150/29300/29500/29750
January 2012
3
M9999-013112-B
Part Number
Junction Temp.
Range
(1)
Voltage
Current
Package
Standard
RoHS Compliant
(2)
MIC29502BU
MIC29502WU
(2)
–40°C to +125°C
Adj.
5.0A
5-Pin TO-263
MIC29503BT
MIC29503WT
(2)
–40°C to +125°C
Adj.
5.0A
5-Pin TO-220
MIC29503BU
MIC29503WU
(2)
–40°C to +125°C
Adj.
5.0A
5-Pin TO-263
MIC29750-3.3BWT
Contact Factory
–40°C to +125°C
3.3
7.5A
3-Pin TO-247
MIC29750-5.0BWT
Contact Factory
–40°C to +125°C
5
7.5A
3-Pin TO-247
MIC29751-3.3BWT
Contact Factory
–40°C to +125°C
3.3
7.5A
5-Pin TO-247
MIC29751-5.0BWT
Contact Factory
–40°C to +125°C
5
7.5A
5-Pin TO-247
MIC29752BWT
MIC29752WWT
(2)
–40°C to +125°C
Adj.
7.5A
5-Pin TO-247
Note:
1. Junction Temperature
2. RoHS compliant with ‘high-melting solder’ exemption.
3. Special Order, Contact Factory
Pin Configuration
3-Pin TO-220 (T)
MIC29150/29300/29500
5-Pin TO-220 Fixed Voltage (T)
MIC29151/29301/29501/29751
5-Pin TO-220 Adjustable Voltage (T)
MIC29152/29302/29502
5-Pin TO-220 Adjustable with Flag (T)
MIC29153/29303/29503
3-Pin TO-247 (WT)
MIC29750
5-Pin TO-247 Fixed Voltage (WT)
MIC29751
5-Pin TO-247 Adjustable Voltage (WT)
MIC29752
3-Pin TO-263 (D
2Pak) (UT)
MIC29150/29300



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl