Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC26903YJL Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC26903YJL
Description  28V, 9A Hyper Light Load Synchronous DC/DC Buck Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC26903YJL Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC26903YJL Datasheet HTML 1Page - Micrel Semiconductor MIC26903YJL Datasheet HTML 2Page - Micrel Semiconductor MIC26903YJL Datasheet HTML 3Page - Micrel Semiconductor MIC26903YJL Datasheet HTML 4Page - Micrel Semiconductor MIC26903YJL Datasheet HTML 5Page - Micrel Semiconductor MIC26903YJL Datasheet HTML 6Page - Micrel Semiconductor MIC26903YJL Datasheet HTML 7Page - Micrel Semiconductor MIC26903YJL Datasheet HTML 8Page - Micrel Semiconductor MIC26903YJL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Micrel, Inc.
MIC26903
July 2011
3
M9999-071311-A
Pin Description (Continued)
Pin Number
Pin Name
Pin Function
22
CS
Current Sense (Input): The CS pin senses current by monitoring the voltage across the low-side
MOSFET during the OFF-time. The current sensing is necessary for short circuit protection and zero
current cross comparator. In order to sense the current accurately, connect the low-side MOSFET
drain to SW using a Kelvin connection. The CS pin is also the high-side MOSFET’s output driver
return.
23
SGND
Signal ground. SGND must be connected directly to the ground planes. Do not route the SGND pin
to the PGND Pad on the top layer, see PCB layout guidelines for details.
24
FB
Feedback (Input): Input to the transconductance amplifier of the control loop. The FB pin is regulated
to 0.8V. A resistor divider connecting the feedback to the output is used to adjust the desired output
voltage.
25
PG
Power Good (Output): Open Drain Output. The PG pin is externally tied with a resistor to VDD. A
high output is asserted when VOUT > 92% of nominal.
26
EN
Enable (Input): A logic level control of the output. The EN pin is CMOS-compatible. Logic high =
enable, logic low = shutdown. In the off state, supply current of the device is greatly reduced (typically
5µA). The EN pin should not be left open.
27
VIN
Power Supply Voltage (Input): Requires bypass capacitor to SGND.
28
VDD
5V Internal Linear Regulator (Output): VDD supply is the supply bus for the IC control circuit. VDD is
created by internal LDO from VIN. When VIN < +5.5V, VDD should be tied to PVIN pins. A 1.0µF
ceramic capacitor from the VDD pin to SGND pins
must be place next to the IC.


Similar Part No. - MIC26903YJL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC26903-ZAYJL MICREL-MIC26903-ZAYJL Datasheet
1Mb / 29P
   28V, 9A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26903ZA MICREL-MIC26903ZA Datasheet
1Mb / 28P
   28V, 9A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26903ZA MICREL-MIC26903ZA_14 Datasheet
1Mb / 29P
   28V, 9A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results

Similar Description - MIC26903YJL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC26603 MICREL-MIC26603 Datasheet
1Mb / 30P
   28V, 6A Hyper Light Load Synchronous DC/DC Buck Regulator
MIC261203 MICREL-MIC261203 Datasheet
1Mb / 31P
   28V, 12A Hyper Light Load??Synchronous DC/DC Buck Regulator
MIC26901 MICREL-MIC26901 Datasheet
1Mb / 30P
   28V, 9A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26903ZA MICREL-MIC26903ZA Datasheet
1Mb / 28P
   28V, 9A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26903ZA MICREL-MIC26903ZA_14 Datasheet
1Mb / 29P
   28V, 9A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
   28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
   28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26603ZA MICREL-MIC26603ZA Datasheet
1Mb / 28P
   28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
logo
Microchip Technology
MIC261201 MICROCHIP-MIC261201 Datasheet
2Mb / 40P
   28V, 12A Hyper Speed Control짰 Synchronous DC/DC Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC26603ZA MICREL-MIC26603ZA_14 Datasheet
1Mb / 29P
   28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com