Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC28510 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC28510
Description  75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28510 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC28510_12 Datasheet HTML 1Page - Micrel Semiconductor MIC28510_12 Datasheet HTML 2Page - Micrel Semiconductor MIC28510_12 Datasheet HTML 3Page - Micrel Semiconductor MIC28510_12 Datasheet HTML 4Page - Micrel Semiconductor MIC28510_12 Datasheet HTML 5Page - Micrel Semiconductor MIC28510_12 Datasheet HTML 6Page - Micrel Semiconductor MIC28510_12 Datasheet HTML 7Page - Micrel Semiconductor MIC28510_12 Datasheet HTML 8Page - Micrel Semiconductor MIC28510_12 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Micrel, Inc.
MIC28510
March 2012
2
M9999-030912-A
Ordering Information
Part Number
Junction Temperature Range
Package
Lead Finish
MIC28510YJL
40C to 125C
28-pin 5mm
 6mm MLF®
Pb-Free
Pin Configuration
28-Pin 5mm
 6mm MLF® (JL)
Pin Description
Pin Number
Pin Name
Pin Function
1, 3
NC
No Connect.
2, 5, 6,
7, 8, 21
PGND
Power Ground. PGND is the ground path for the MIC28510 buck converter power stage. The
PGND pin connects to the sources of low-side N-Channel internal MOSFETs, the negative
terminals of input capacitors, and the negative terminals of output capacitors. The loop for the
power ground should be as small as possible and separate from the signal ground (SGND) loop.
4, 9, 10,
11, 12
SW
Switch Node (Output). Internal connection for the high-side MOSFET source and low-side
MOSFET drain.
13, 14, 15, 16,
17, 18, 19
PVIN
High-Side Internal N-Channel MOSFET Drain Connection (Input).The PVIN operating voltage
range is from 4.5V to 75V. Input capacitors between the PVIN pins and the power ground (PGND)
are required and keep the connection short.
20
BST
Boost (Output). Bootstrapped voltage to the high-side N-channel internal MOSFET driver. A
Schottky diode is connected between the VDD pin and the BST pin. A boost capacitor of 0.1μF is
connected between the BST pin and the SW pin.
22
CS
Current Sense (Input). High current output driver return. The CS pin connects directly to the switch
node. Due to the high-speed switching on this pin, the CS pin should be routed away from
sensitive nodes. CS pin also senses the current by monitoring the voltage across the low-side
internal MOSFET during OFF-time.


Similar Part No. - MIC28510_12

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28510EV MICREL-MIC28510EV Datasheet
369Kb / 14P
   75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
More results

Similar Description - MIC28510_12

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28500 MICREL-MIC28500 Datasheet
1Mb / 29P
   75V/4A Hyper Speed Control??Synchronous DC-DC Buck Regulator
MIC28510EV MICREL-MIC28510EV Datasheet
369Kb / 14P
   75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
   12A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26600 MICREL-MIC26600 Datasheet
961Kb / 28P
   7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26400 MICREL-MIC26400 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26400 MICREL-MIC26400_11 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
   28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC27600 MICREL-MIC27600 Datasheet
1Mb / 27P
   36V, 7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
   28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26603ZA MICREL-MIC26603ZA Datasheet
1Mb / 28P
   28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com