Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC38150 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC38150
Description  HELDO짰 1.5A High Efficiency Low Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC38150 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC38150_10 Datasheet HTML 6Page - Micrel Semiconductor MIC38150_10 Datasheet HTML 7Page - Micrel Semiconductor MIC38150_10 Datasheet HTML 8Page - Micrel Semiconductor MIC38150_10 Datasheet HTML 9Page - Micrel Semiconductor MIC38150_10 Datasheet HTML 10Page - Micrel Semiconductor MIC38150_10 Datasheet HTML 11Page - Micrel Semiconductor MIC38150_10 Datasheet HTML 12Page - Micrel Semiconductor MIC38150_10 Datasheet HTML 13Page - Micrel Semiconductor MIC38150_10 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Micrel, Inc.
MIC38150
June 2010
10
M9999-061010-C
PCB Layout Guideline
Warning!!! To minimize EMI and output noise, follow
these layout recommendations.
PCB Layout is critical to achieve reliable, stable and
efficient performance. A ground plane is required to
control EMI and minimize the inductance in power,
signal and return paths.
The following guidelines should be followed to insure
proper operation of the MIC38150.
IC
Place the IC close to the point of load (POL).
Use fat traces to route the input and output power
lines.
The exposed pad (ePAD) on the bottom of the IC
must be connected to the PGND pins of the IC.
Use several vias to connect the ePAD to the ground
plane.
Signal and power grounds should be kept separate
and connected at only one location.
Keep the switch node (SW) away from the feedback
(FB) pin.
Input Capacitor
Place the input capacitor next.
Place the input capacitors on the same side of the
board and as close to the MIC38150 as possible.
Keep both the PVIN and PGND connections short.
Place several vias to the ground plane close to the
input capacitor ground terminal, but not between the
input capacitors and IC pins.
Use either X7R or X5R dielectric input capacitors.
Do not use Y5V or Z5U type capacitors.
Do not replace the ceramic input capacitor with any
other type of capacitor. Any type of capacitor can be
placed in parallel with the input capacitor.
If a Tantalum input capacitor is placed in parallel
with the input capacitor, it must be recommended for
switching regulator applications and the operating
voltage must be derated by 50%.
In “Hot-Plug” applications, a Tantalum or Electrolytic
bypass capacitor must be used to limit the over-
voltage spike seen on the input supply with power is
suddenly applied.
The 1µF capacitor, which connects to the AVIN
terminal, must be located right at the IC. The AVIN
terminal is very noise sensitive and placement of the
capacitor is very critical. Connections must be made
with wide trace.
Output Capacitor
Use a wide trace to connect the VSW output
capacitor ground terminal to the PVIN input
capacitor ground terminal.
The feedback trace should be separate from the
power trace and connected as close as possible to
the output capacitor.


Similar Part No. - MIC38150_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38150HYHL MICREL-MIC38150HYHL Datasheet
421Kb / 15P
   1.5A High Efficiency Low Dropout Regulator
More results

Similar Description - MIC38150_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38150 MICREL-MIC38150 Datasheet
421Kb / 15P
   1.5A High Efficiency Low Dropout Regulator
logo
Unisonic Technologies
LR2915 UTC-LR2915 Datasheet
168Kb / 4P
   1.5A, LOW DROPOUT REGULATOR
logo
Global Mixed-mode Techn...
G953 GMT-G953 Datasheet
29Kb / 1P
   1.5A Low Dropout Regulator
G9915 GMT-G9915 Datasheet
94Kb / 1P
   1.5A Low Dropout Regulator
AT9915 GMT-AT9915 Datasheet
65Kb / 1P
   1.5A Low Dropout Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com