Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC61300 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC61300
Description  Low Input Voltage, Single-Supply High-Current LDO
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC61300 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC61300_11 Datasheet HTML 1Page - Micrel Semiconductor MIC61300_11 Datasheet HTML 2Page - Micrel Semiconductor MIC61300_11 Datasheet HTML 3Page - Micrel Semiconductor MIC61300_11 Datasheet HTML 4Page - Micrel Semiconductor MIC61300_11 Datasheet HTML 5Page - Micrel Semiconductor MIC61300_11 Datasheet HTML 6Page - Micrel Semiconductor MIC61300_11 Datasheet HTML 7Page - Micrel Semiconductor MIC61300_11 Datasheet HTML 8Page - Micrel Semiconductor MIC61300_11 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Micrel, Inc.
MIC61300
October 2011
3
M9999-101111-B
Absolute Maximum Ratings(1, 2)
VIN to GND...................................................... −0.3V to 4.5V
VCP to GND..................................................... −0.3V to 5.5V
VOUT to GND ...................................................... −0.3V to VIN
VSENSE to GND ................................................... −0.3V to VIN
VEN to GND..................................................... −0.3V to 4.5V
VFB to GND........................................................ −0.3V to VIN
Junction Temperature (TJ) ......................................... 150°C
Lead Temperature (soldering, 10 sec.)...................... 260°C
Storage Temperature (TS).........................−65°C to +150°C
Operating Ratings(3)
Supply Voltage (VIN)......................................... 1.1V to 3.6V
Enable Voltage (VEN)...................................... −0.3V to 3.6V
Output Voltage Range (VOUT)........................... 0.5V to 3.0V
Ambient Temperature Range (TA) .............. –40°C to +85°C
Junction Temperature (TJ) ........................ –40°C to +125°C
Maximum Power Dissipation (PD) ............................. Note 4
Package Thermal Resistance
3mm
× 3mm MLF-10L (θJA) ............................60.7°C/W
ePad MSOP-10 (
θJA) ......................................76.7°C/W
Electrical Characteristics(5)
VIN = VOUT + 0.4V; VEN = 1.1V; IOUT = 10mA; CCP = 0.1µF; COUT = 47µF; TJ = 25°C. Bold values indicate –40°C ≤ TJ ≤ +125°C, unless
noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
Input Voltage Range (VIN)
1.1
3.6
V
Ground Pin Current
IOUT = 3A; VIN = 1.4V
1.8
mA
IOUT = 3A; VIN = 3.6V
7.6
15
Ground Current in Shutdown
VEN = 0V; VIN = 2V; VOUT = 0V
0.1
10
µA
Reference
Feedback Pin Voltage (FB Pin)
Adjustable Output
0.495
0.500
0.505
V
0.4875
0.500
0.5125
Output Voltage Accuracy
(SENSE Pin)
Fixed Output
−1
0
+1
%
−2.5
0
+2.5
Load Regulation
IOUT = 10mA to 3A
−0.35
0.35
%
Line Regulation
(6)
VIN = (VOUT + 0.4V) to 3.6V
−0.2
0.12
0.2
%/V
FB Pin Current
VFB = 0.5V
0.01
1
µA
Current Limit
Current Limit
VOUT = 0V
3.5
4.7
A
Dropout Voltage
Dropout Voltage (VIN − VOUT)
IOUT = 3A
150
350
mV
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
Devices are ESD sensitive. Handling precautions recommended. Human body model (HBM), 1.5k in series with 100pF.
3.
The device is not guaranteed to function outside its operating rating.
4.
PD(MAX) = (TJ(MAX) – TA) / θJA, where θJA, depends upon the printed circuit layout. See “Applications Information.”
5.
Specification for packaged product only.
6.
∆VOUT (%) = (0.12) × ∆VIN


Similar Part No. - MIC61300_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC61300-10YML MICREL-MIC61300-10YML Datasheet
1Mb / 22P
   Low Input Voltage, Single-Supply High-Current LDO
MIC61300-10YMME MICREL-MIC61300-10YMME Datasheet
1Mb / 22P
   Low Input Voltage, Single-Supply High-Current LDO
More results

Similar Description - MIC61300_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC61150 MICREL-MIC61150 Datasheet
1Mb / 22P
   Low Input Voltage, Single-Supply High-Current LDO
MIC61300 MICREL-MIC61300 Datasheet
1Mb / 22P
   Low Input Voltage, Single-Supply High-Current LDO
logo
Will Semiconductor Ltd.
WL2852K WILLSEMI-WL2852K Datasheet
919Kb / 12P
   High Input Voltage, Low Quiescent Current LDO
WL2862K WILLSEMI-WL2862K Datasheet
1Mb / 12P
   High Input Voltage, Low Quiescent Current LDO
WL2853K WILLSEMI-WL2853K Datasheet
1Mb / 12P
   High Input Voltage, Low Quiescent Current LDO
WL2861K WILLSEMI-WL2861K Datasheet
574Kb / 10P
   High Input Voltage, Low Quiescent Current LDO
WL2851E WILLSEMI-WL2851E Datasheet
631Kb / 9P
   High Input Voltage, Low Quiescent Current LDO
WL2851K WILLSEMI-WL2851K Datasheet
513Kb / 9P
   High Input Voltage, Low Quiescent Current LDO
WL2862E WILLSEMI-WL2862E Datasheet
1Mb / 12P
   High Input Voltage, Low Quiescent Current LDO
logo
Nisshinbo Micro Devices...
R1518X NISSHINBO-R1518X Datasheet
2Mb / 38P
   1 A 36V Input Low Supply Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com