Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC94060YC6 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC94060YC6
Description  High Side Power Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94060YC6 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC94060YC6 Datasheet HTML 1Page - Micrel Semiconductor MIC94060YC6 Datasheet HTML 2Page - Micrel Semiconductor MIC94060YC6 Datasheet HTML 3Page - Micrel Semiconductor MIC94060YC6 Datasheet HTML 4Page - Micrel Semiconductor MIC94060YC6 Datasheet HTML 5Page - Micrel Semiconductor MIC94060YC6 Datasheet HTML 6Page - Micrel Semiconductor MIC94060YC6 Datasheet HTML 7Page - Micrel Semiconductor MIC94060YC6 Datasheet HTML 8Page - Micrel Semiconductor MIC94060YC6 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC94060/61/62/63
July 2010
3
M9999-070910-E
Absolute Maximum Ratings
(1)
Input Voltage (VIN)................................................+6V
Enable Voltage (VEN) ...........................................+6V
Continuous Drain Current (ID)
(3)
TA = 25°C.......................................................±2A
TA = 85°C....................................................±1.4A
Pulsed Drain Current (IDP)
(4) ................................±6A
Continuous Diode Current (IS)
(4) .....................–50mA
Storage Temperature (Ts) ...............–55°C to +150°C
ESD Rating – HBM
(6) .......................................... 4KV
Operating Ratings
(2)
Input Voltage (VIN).................................+1.7 to +5.5V
Junction Temperature (TA).............. –40°C to +125°C
Package Thermal Resistance
SC-70-6 (θJA)......................................... 240°C/W
1.2x1.6 MLF (θJA) .................................. 172°C/W
1.2x1.6 MLF (θJC)
(3) .............................. 134°C/W
Electrical Characteristics
VIN = 5V; TA = 25°C, bold values indicate –40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN = 1.8V to 4.5V, ID = –250μA
0.5
1.2
V
VEN_TH
Enable Threshold Voltage
VIN = 1.7V to 4.5V, ID = –250μA
0.4
1.2
V
IEN
Enable Input Current
VIN = VEN = 5.5V
2
4
μA
IVIN
OFF State Leakage Current
VIN = +5.5V, VEN = 0V
1
μA
VIN = +4.5V, ID = –100mA, VEN = 1.5V
77
110
mΩ
VIN = +3.6V, ID = –100mA, VEN = 1.5V
85
115
mΩ
VIN = +2.5V, ID = –100mA, VEN = 1.5V
100
140
mΩ
VIN = +1.8V, ID = –100mA, VEN = 1.5V
145
200
mΩ
RDS(ON)
P-Channel Drain to Source
ON Resistance
SC-70 Package
VIN = +1.7V, ID = –100mA, VEN = 1.5V
155
215
mΩ
VIN = +4.5V, ID = –100mA, VEN = 1.5V
85
115
mΩ
VIN = +3.6V, ID = –100mA, VEN = 1.5V
100
140
mΩ
VIN = +2.5V, ID = –100mA, VEN = 1.5V
145
200
mΩ
VIN = +1.8V, ID = –100mA, VEN = 1.5V
155
215
mΩ
RDS(ON)
P-Channel Drain to Source
ON Resistance
MLF Package
VIN = +1.7V, ID = –100mA, VEN = 1.5V
165
225
mΩ
RSHUTDOWN
Turn-Off Resistance
VIN = +3.6V, ITEST = 1mA, VEN = 0V
MIC94061, 63
200
300
Dynamic
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94060, 61
0.85
1.5
μs
tON_DLY
Turn-On Delay Time
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94062, 63
700
1200
μs
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94060, 61
0.5
1
5
μs
tON_RISE
Turn-On Rise Time
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94062, 63
500
800
1500
μs


Similar Part No. - MIC94060YC6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94060YC6 MICREL-MIC94060YC6 Datasheet
923Kb / 11P
   High Side Power Switches
logo
Microchip Technology
MIC94060YC6-TR MICROCHIP-MIC94060YC6-TR Datasheet
1Mb / 22P
   High Side Power Switches
09/14/21
More results

Similar Description - MIC94060YC6

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC94060 MICROCHIP-MIC94060 Datasheet
1Mb / 22P
   High Side Power Switches
09/14/21
logo
Richtek Technology Corp...
RT9741 RICHTEK-RT9741 Datasheet
230Kb / 11P
   High-Side Power Switches
logo
Unisonic Technologies
US94060 UTC-US94060_15 Datasheet
191Kb / 6P
   HIGH SIDE POWER SWITCHES
logo
Micrel Semiconductor
MIC94070 MICREL-MIC94070 Datasheet
807Kb / 11P
   High Side Power Switches
MIC94060 MICREL-MIC94060_07 Datasheet
923Kb / 11P
   High Side Power Switches
logo
Unisonic Technologies
US94061 UTC-US94061 Datasheet
193Kb / 6P
   HIGH SIDE POWER SWITCHES
US94061 UTC-US94061_15 Datasheet
193Kb / 6P
   HIGH SIDE POWER SWITCHES
US94060 UTC-US94060 Datasheet
191Kb / 6P
   HIGH SIDE POWER SWITCHES
logo
Micrel Semiconductor
MIC94064 MICREL-MIC94064 Datasheet
578Kb / 8P
   High Side Power Switches
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
   Dual High Side Power Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com