Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC261203 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC261203
Description  28V, 12A Hyper Light Load??Synchronous DC/DC Buck Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC261203 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC261203 Datasheet HTML 2Page - Micrel Semiconductor MIC261203 Datasheet HTML 3Page - Micrel Semiconductor MIC261203 Datasheet HTML 4Page - Micrel Semiconductor MIC261203 Datasheet HTML 5Page - Micrel Semiconductor MIC261203 Datasheet HTML 6Page - Micrel Semiconductor MIC261203 Datasheet HTML 7Page - Micrel Semiconductor MIC261203 Datasheet HTML 8Page - Micrel Semiconductor MIC261203 Datasheet HTML 9Page - Micrel Semiconductor MIC261203 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Micrel, Inc.
MIC261203
July 2011
6
M9999-071311-A
Typical Characteristics
VIN Operating Supply Current
vs. Input Voltage
0.0
0.2
0.4
0.6
0.8
1.0
4
1016
2228
VIN Shutdown Current
vs. Input Voltage
0
15
30
45
60
4
1016
2228
VDD Output Voltage
vs. Input Voltage
0
2
4
6
8
10
410
16
22
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
VEN = 0V
REN = Open
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 0A
SWITCHING
28
VFB = 0.9V
IDD = 10mA
Feedback Voltage
vs. Input Voltage
0.792
0.796
0.800
0.804
0.808
4
1016
2228
Total Regulation
vs. Input Voltage
-1.0%
-0.5%
0.0%
0.5%
1.0%
4
1016
2228
Current Limit
vs. Input Voltage
0
5
10
15
20
25
30
4
1016
222
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 3A to 12A
VOUT = 1.8V
IOUT = 3A
8
VOUT = 1.8V
Switching Frequency
vs. Input Voltage
500
550
600
650
700
4
1016
2228
Enable Input Current
vs. Input Voltage
0
4
8
12
16
4
1016
2228
PG/VREF Ratio
vs. Input Voltage
80%
85%
90%
95%
100%
4
1016222
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
VEN = VIN
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 3A
8
VREF = 0.7V


Similar Part No. - MIC261203

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC261203 MICROCHIP-MIC261203 Datasheet
2Mb / 38P
   28V, 12A HyperLight Load짰 Synchronous DC/DC Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC261203-ZAYJL MICREL-MIC261203-ZAYJL Datasheet
1Mb / 28P
   28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203-ZAYJL MICREL-MIC261203-ZAYJL Datasheet
1Mb / 29P
   Synchronous DC-to-DC Buck Regulator
logo
Microchip Technology
MIC261203YJL-TR MICROCHIP-MIC261203YJL-TR Datasheet
2Mb / 38P
   28V, 12A HyperLight Load짰 Synchronous DC/DC Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
   28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results

Similar Description - MIC261203

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC26603 MICREL-MIC26603 Datasheet
1Mb / 30P
   28V, 6A Hyper Light Load Synchronous DC/DC Buck Regulator
MIC26903 MICREL-MIC26903 Datasheet
855Kb / 31P
   28V, 9A Hyper Light Load Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
   28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
logo
Microchip Technology
MIC261201 MICROCHIP-MIC261201 Datasheet
2Mb / 40P
   28V, 12A Hyper Speed Control짰 Synchronous DC/DC Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC261201 MICREL-MIC261201 Datasheet
1Mb / 30P
   28V, 12A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26950 MICREL-MIC26950_11 Datasheet
776Kb / 28P
   12A Hyper Speed ControlTM Synchronous DC-DC Buck Regulator
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
   12A Hyper Speed Control Synchronous DC-DC Buck Regulator
logo
Microchip Technology
MIC261203 MICROCHIP-MIC261203 Datasheet
2Mb / 38P
   28V, 12A HyperLight Load짰 Synchronous DC/DC Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
   28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26603ZA MICREL-MIC26603ZA Datasheet
1Mb / 28P
   28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com