Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICRF505 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MICRF505
Description  850MHz and 950MHz ISM Band Transceiver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MICRF505_07 Datasheet HTML 3Page - Micrel Semiconductor MICRF505_07 Datasheet HTML 4Page - Micrel Semiconductor MICRF505_07 Datasheet HTML 5Page - Micrel Semiconductor MICRF505_07 Datasheet HTML 6Page - Micrel Semiconductor MICRF505_07 Datasheet HTML 7Page - Micrel Semiconductor MICRF505_07 Datasheet HTML 8Page - Micrel Semiconductor MICRF505_07 Datasheet HTML 9Page - Micrel Semiconductor MICRF505_07 Datasheet HTML 10Page - Micrel Semiconductor MICRF505_07 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Micrel
MICRF505BML/YML
October 2006
7
M9999-103106
+1 408-944-0800
Symbol
Parameter
Condition
Min
Typ
Max
Units
38.4kbps,
β = 2, 20dBc
120
kHz
125kbps,
β = 2, 20dBc
450
kHz
Occupied bandwidth
(5)
200kbps,
β = 2, 20dBc
750
kHz
Spurious Emission < 1GHz
(5)
-54
dBm
Spurious Emission > 1GHz
(5)
ETSI EN300 220
(Using antenna matching network)
-30
dBm
2
nd Harmonic
-20
dBc
3
rd Harmonic
-41.2
dBm
Spurious Emission <902MHz
-49.2
dBm
Spurious Emission >928MHz
FCC part 15, RLoad 50
(Using antenna matching network)
-41.2
dBm
Receive Section
All functions turned on
13.5
mA
LNA bypass
10.9
mA
Switch cap filter bypass with LNA
10.9
mA
Rx Current Consumption
Bypass of Switch cap and LNA
8.6
mA
Rx Current Consumption Variation
Over temperature
4
mA
2.4kbps,
β = 16, SC=50kHz, BER
10
-3
-111
dBm
4.8kbps,
β = 16, SC=50kHz, BER
10
-3
-110
dBm
19.2kbps,
β = 8, SC=200kHz,
BER 10
-3
-107
dBm
38.4kbps,
β = 4, BER 10
-3
-104
dBm
76.8kbps,
β = 2, BER 10
-3
-101
dBm
125kbps,
β = 2, BER 10
-3
-100
dBm
Receiver Sensitivity
200kbps,
β = 2, BER 10
-3
-97
dBm
125kbps,
β = 2
-12
dBm
Receiver Maximum Input Power
20kbps,
β = 10
-10
dBm
Over temperature
4
dB
Receiver Sensitivity Tolerance
Over power supply range
1
dB
Receiver Bandwidth
50
350
kHz
Co-Channel Rejection
19.2 kbps,
β = 6, SC=133 kHz
dB
500kHz spacing, 19.2kbps, Main
filter cut off frequency 133kHz
dB
Adjacent Channel Rejection
1MHz ,19.2kbps, Main filter cut off
frequency 133kHz
dB
Offset ±1MHz
55
dB
Offset ±2MHz
58
dB
Offset ±5MHz
48
dB
Offset ±10MHz
50
dB
Blocking
Desired signal:
19.2 kbps,
β =6,
3dB above sens,
SC=133 kHz
Offset ±30MHz
60
dB
1dB Compression
-34
dBm
Input IP3
2 tones with 1MHz separation
-25
dBm
LO Leakage
-90
dBm


Similar Part No. - MICRF505_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF505BML MICREL-MICRF505BML Datasheet
261Kb / 27P
   868MHz and 915MHz ISM Band Transceiver
MICRF505L MICREL-MICRF505L Datasheet
484Kb / 43P
   850MHz and 950MHz ISM Band Transceiver
MICRF505LYML MICREL-MICRF505LYML Datasheet
484Kb / 43P
   850MHz and 950MHz ISM Band Transceiver
More results

Similar Description - MICRF505_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF505L MICREL-MICRF505L Datasheet
484Kb / 43P
   850MHz and 950MHz ISM Band Transceiver
MICRF505 MICREL-MICRF505 Datasheet
261Kb / 27P
   868MHz and 915MHz ISM Band Transceiver
MICRF506 MICREL-MICRF506_06 Datasheet
1Mb / 42P
   410MHz and 450MHz ISM Band Transceiver
MICRF506 MICREL-MICRF506 Datasheet
1Mb / 28P
   410MHz and 450MHz ISM Band Transceiver
logo
HOPE Microelectronics C...
RFM50 HOPE-RFM50 Datasheet
244Kb / 8P
   ISM Band Transceiver Module
logo
Micrel Semiconductor
MICRF620_0608 MICREL-MICRF620_0608 Datasheet
714Kb / 21P
   434MHz ISM Band Transceiver Module
logo
List of Unclassifed Man...
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
   Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
Micrel Semiconductor
MICRF620Z MICREL-MICRF620Z Datasheet
714Kb / 21P
   434MHz ISM Band Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com