Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICRF610Z Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF610Z
Description  868-870MHz ISM Band Transceiver Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF610Z Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF610Z Datasheet HTML 7Page - Micrel Semiconductor MICRF610Z Datasheet HTML 8Page - Micrel Semiconductor MICRF610Z Datasheet HTML 9Page - Micrel Semiconductor MICRF610Z Datasheet HTML 10Page - Micrel Semiconductor MICRF610Z Datasheet HTML 11Page - Micrel Semiconductor MICRF610Z Datasheet HTML 12Page - Micrel Semiconductor MICRF610Z Datasheet HTML 13Page - Micrel Semiconductor MICRF610Z Datasheet HTML 14Page - Micrel Semiconductor MICRF610Z Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Micrel, Inc.
MICRF610/MICRF610Z
July 2006
11
M9999-120205
Power on Reset
When applying voltage to the MICRF610 a power on reset
state is entered. During the time period of power on reset,
the MICRF610 should be considered to be in an unknown
state and the user should wait until completed (See Table
6). The power on reset timing given in table 6 is covering
all conditions and should be treated as a maximum delay
time. In some application it might be beneficial to minimize
the power on reset time. In these cases we recommend to
follow below procedure:
Programming Summary
Use CS, SCLK, and IO to get access to the control
registers in MICRF610.
SCLK is user-controlled.
Write to the MICRF610 at positive edges
(MICRF610 reads at negative edges).
Read from the MICRF610 at negative edges
(MICRF610 writes at positive edges)
After power-on: Write to the complete set of
control registers.
Address field is 7 bits long. Enter msb first.
R/W bit is 1 bit long (“1” for read, “0” for write)
Address and R/W bit together make 1 octet
All control registers are 8 bits long. Enter/read msb
in every octet first.
Always write 8 bits to/read 8 bits from a control
register. This is the case for registers with less
than 8 used programming bits as well.
Writing: Bring CS high, write address and R/W bit
followed by the new values to fill into the
addressed control register(s) and bring CS low for
loading, i.e., activation of the new control register
values.
Reading: Bring CS high, write address and R/W
bit, set IO as an input, read present contents of the
addressed control register(s), bring CS low and
set IO an output.


Similar Part No. - MICRF610Z

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF610 MICREL-MICRF610 Datasheet
291Kb / 19P
   868-870 MHz ISM Band Transceiver Module
MICRF610 MICREL-MICRF610 Datasheet
292Kb / 18P
   434MHz ISM Band Transceiver Module
MICRF610TR MICREL-MICRF610TR Datasheet
291Kb / 19P
   868-870 MHz ISM Band Transceiver Module
More results

Similar Description - MICRF610Z

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF610 MICREL-MICRF610 Datasheet
291Kb / 19P
   868-870 MHz ISM Band Transceiver Module
logo
HOPE Microelectronics C...
RFM50 HOPE-RFM50 Datasheet
244Kb / 8P
   ISM Band Transceiver Module
logo
Suntsu Electronics, Inc...
SATCA-10F3A1G-ISB4 SUNTSU-SATCA-10F3A1G-ISB4 Datasheet
1,006Kb / 5P
   ISM 433/868/915 Band
SATCA-9A4A2A-ISB4 SUNTSU-SATCA-9A4A2A-ISB4 Datasheet
970Kb / 5P
   ISM 433/868/915 Band
logo
List of Unclassifed Man...
RFM50 ETC2-RFM50 Datasheet
244Kb / 8P
   MCU with 100mW 433/470/868/915 MHz ISM Band Transceiver Module
logo
Micrel Semiconductor
MICRF620_0608 MICREL-MICRF620_0608 Datasheet
714Kb / 21P
   434MHz ISM Band Transceiver Module
MICRF620Z MICREL-MICRF620Z Datasheet
714Kb / 21P
   434MHz ISM Band Transceiver Module
MICRF620 MICREL-MICRF620 Datasheet
292Kb / 18P
   434MHz ISM Band Transceiver Module
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
418Kb / 11P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
logo
Micrel Semiconductor
MICRF600 MICREL-MICRF600 Datasheet
273Kb / 19P
   902-928MHz ISM Band Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com