Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EL34 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10EL34
Description  5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL34 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10EL34 Datasheet HTML 1Page - Micrel Semiconductor SY10EL34 Datasheet HTML 2Page - Micrel Semiconductor SY10EL34 Datasheet HTML 3Page - Micrel Semiconductor SY10EL34 Datasheet HTML 4Page - Micrel Semiconductor SY10EL34 Datasheet HTML 5Page - Micrel Semiconductor SY10EL34 Datasheet HTML 6Page - Micrel Semiconductor SY10EL34 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Micrel, Inc.
Precision Edge
®
SY10EL34/L
SY100EL34/L
December 2011
4
M9999-120611-I
hbwhelp@micrel.com or (408) 955-1690
DC Electrical Characteristics
(1)
VEE = VEE (minimum) to VEE (maximum); VCC = GND.
Symbol
Parameter
Min.
Typ.
Max.
Units
TA = −40°C
IEE
Power Supply Current
mA
10EL
49
100EL
49
VBB
Output Reference Voltage
V
10EL
−1.43
−1.30
100EL
−1.38
−1.26
IIH
Input High Current
150
µA
TA = 0°C
IEE
Power Supply Current
mA
10EL
49
100EL
49
VBB
Output Reference Voltage
V
10EL
−1.38
−1.27
100EL
−1.38
−1.26
IIH
Input High Current
150
µA
TA = +25°C
IEE
Power Supply Current
mA
10EL
49
100EL
49
VBB
Output Reference Voltage
V
10EL
−1.35
−1.25
100EL
−1.38
−1.26
IIH
Input High Current
150
µA
TA = +85°C
IEE
Power Supply Current
mA
10EL
49
100EL
54
VBB
Output Reference Voltage
V
10EL
−1.31
−1.19
100EL
−1.38
−1.26
IIH
Input High Current
150
µA
Note:
1.
Parametric values specified at:
5V Power Supply Range:
100EL34 Series:
−4.2V to −5.5V
10EL34 Series:
−4.75V to −5.5V
3V Power Supply Range:
10/100EL34L Series:
−3.0V to −3.8V


Similar Part No. - SY10EL34

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34 MICREL-SY10EL34 Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34L MICREL-SY10EL34L Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34LZC MICREL-SY10EL34LZC Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34LZC MICREL-SY10EL34LZC Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
More results

Similar Description - SY10EL34

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
Microchip Technology
SY100EL34 MICROCHIP-SY100EL34 Datasheet
752Kb / 14P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
02/28/20
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34_06 Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC10EL34 ONSEMI-MC10EL34 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com