Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10E151JITR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E151JITR
Description  6-BIT D REGISTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E151JITR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E151JITR Datasheet HTML 1Page - Micrel Semiconductor SY10E151JITR Datasheet HTML 2Page - Micrel Semiconductor SY10E151JITR Datasheet HTML 3Page - Micrel Semiconductor SY10E151JITR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E151
SY100E151
Micrel, Inc.
M9999-052108
hbwhelp@micrel.com or (408) 955-1690
Asynchronous Operation
Inputs
Output
Dn
CLK1
CLK2
MR
Qn(t + 1)
XXX
H
L
Note:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
t = Time before positive CLK transition
t+1 = Time after positive CLK transition
u = LOW-to-HIGH transition
TRUTH TABLES
(1)
Synchronous Operation
Inputs
Output
Dn
CLK1
CLK2
MR
Qn(t + 1)
Lu
L
L
L
Hu
L
L
H
LL
u
L
L
HL
u
L
H
XH
u
L
Qn(t)
Xu
H
L
Qn(t)
XL
L
L
Qn(t)
DC ELECTRICAL CHARACTERISTICS
(1)
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
IEE
Power Supply Current
mA
10E
65
78
65
78
65
78
100E
65
78
65
78
75
90
Note:
1. Specification for packaged product only.
AC ELECTRICAL CHARACTERISTICS
(2)
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
fMAX
Max. Toggle Frequency
1100 1400
1100 1400
1100 1400
MHz
tPD
Propagation Delay to Output
ps
CLK
475
650
800
475
650
800
475
650
800
MR
475
650
850
475
650
850
475
650
850
tS
Set-up Time, D
0
–175
0
–175
0
–175
ps
tH
Hold Time, D
350
175
350
175
350
175
ps
tRR
Reset Recovery Time
750
550
750
550
750
550
ps
tPW
Minimum Pulse Width
400
——
400
——
400
——
ps
CLK, MR
tskew
Within-Device Skew
65
——
65
——
65
ps
1
tr
Rise/Fall Time
300
450
700
300
450
700
300
450
700
ps
tf
20% to 80%
Note:
1. Within-device skew is defined as identical transitions on similar paths through a device.
2. Specification for packaged product only.


Similar Part No. - SY10E151JITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E151JITR MICREL-SY10E151JITR Datasheet
66Kb / 4P
   6-BIT D REGISTER
SY10E151JITR MICREL-SY10E151JITR Datasheet
63Kb / 4P
   6-BIT D REGISTER
More results

Similar Description - SY10E151JITR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10E151PJ SEMTECH-SK10E151PJ Datasheet
116Kb / 5P
   6-bit D register
logo
Micrel Semiconductor
SY10E151 MICREL-SY10E151 Datasheet
66Kb / 4P
   6-BIT D REGISTER
logo
ON Semiconductor
MC10E151 ONSEMI-MC10E151 Datasheet
104Kb / 4P
   6-BIT D REGISTER
1996 REV 2
logo
Micrel Semiconductor
SY10E151 MICREL-SY10E151_06 Datasheet
63Kb / 4P
   6-BIT D REGISTER
logo
ON Semiconductor
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E167 MICREL-SY10E167 Datasheet
155Kb / 3P
   6-BIT 2:1 MUX-REGISTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com