Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP16VKI Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10EP16VKI
Description  5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP16VKI Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10EP16VKI Datasheet HTML 1Page - Micrel Semiconductor SY10EP16VKI Datasheet HTML 2Page - Micrel Semiconductor SY10EP16VKI Datasheet HTML 3Page - Micrel Semiconductor SY10EP16VKI Datasheet HTML 4Page - Micrel Semiconductor SY10EP16VKI Datasheet HTML 5Page - Micrel Semiconductor SY10EP16VKI Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ECL Pro™
SY10EP16V
Micrel, Inc.
M9999-112805
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10EP16VZC
Z8-1
Commercial
HEP16
Sn-Pb
SY10EP16VZCTR(2)
Z8-1
Commercial
HEP16
Sn-Pb
SY10EP16VKC
K8-1
Commercial
HP16
Sn-Pb
SY10EP16VKCTR(2)
K8-1
Commercial
HP16
Sn-Pb
SY10EP16VZI
Z8-1
Industrial
HEP16
Sn-Pb
SY10EP16VZITR(2)
Z8-1
Industrial
HEP16
Sn-Pb
SY10EP16VKI
K8-1
Industrial
HP16
Sn-Pb
SY10EP16VKITR(2, 3)
K8-1
Industrial
HP16
Sn-Pb
SY10EP16VZG(3)
Z8-1
Industrial
HEP16 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EP16VZGTR(2, 3)
Z8-1
Industrial
HEP16 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EP16VKG(3)
K8-1
Industrial
HP16 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EP16VKGTR(2, 3)
K8-1
Industrial
HP16 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
1
NC
D
/D
VBB
8VCC
Q
/Q
VEE
7
6
5
2
3
4
Available in 8-Pin SOIC and
MSOP Packages


Similar Part No. - SY10EP16VKI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
More results

Similar Description - SY10EP16VKI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V_05 Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EL16V MICREL-SY10EL16V_06 Datasheet
486Kb / 6P
   5V/3.3V DIFFERENTIAL RECEIVER
SY10EL16V MICREL-SY10EL16V Datasheet
46Kb / 4P
   5V/3.3V DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V Datasheet
63Kb / 4P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com