Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP451L Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY10EP451L
Description  3.3V ECL 6-Bit Differential Register with Master Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP451L Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY10EP451L Datasheet HTML 1Page - Micrel Semiconductor SY10EP451L Datasheet HTML 2Page - Micrel Semiconductor SY10EP451L Datasheet HTML 3Page - Micrel Semiconductor SY10EP451L Datasheet HTML 4Page - Micrel Semiconductor SY10EP451L Datasheet HTML 5Page - Micrel Semiconductor SY10EP451L Datasheet HTML 6Page - Micrel Semiconductor SY10EP451L Datasheet HTML 7Page - Micrel Semiconductor SY10EP451L Datasheet HTML 8Page - Micrel Semiconductor SY10EP451L Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
SY10/100EP451L
May 2007
5
M9999-051807-B
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage
PECL Mode (VCC) ............................................................... +4V
NECL Mode (VEE) ............................................................... –4V
Input Voltage (VIN)
PECL Mode ..........................................................................VCC
NECL Mode ......................................................................... VEE
Output Current (IOUT)
Continuous........................................................................ 50mA
Surge............................................................................... 100mA
Lead Temperature (soldering, 20sec.) ....................................260°C
Storage Temperature (Ts)......................................–65°C to +150°C
Operating Ratings(2)
Supply Voltage (VCC)
PECL Mode (VEE = 0V) ..................................... +3.0V to +3.6V
Supply Voltage (VEE)
NECL Mode (VCC = 0V)....................................... -3.0V to -3.6V
Ambient Temperature (TA)....................................... –40°C to +85°C
Junction Thermal Resistance
(3)
TQFP
Junction-to-Ambient (θJA)
0lfpm......................................................................... 80°C/W
500lfpm .................................................................... 66°C/W
Junction-to-Case (θJC) .................................................. 20°C/W
PECL 10EP DC Electrical Characteristics(4)
VCC = 3.3V; VEE = 0V; TA = –40°C to +85°C, unless otherwise stated.
(5)
-40°C
25°C
85°C
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
IEE
Power Supply Current
80
105
80
105
80
105
mA
VOH
Output HIGH Voltage
(6)
2165
2290
2415
2230
2355
2480
2290
2415
2540
mV
VOL
Output LOW Voltage
(6)
1365
1490
1615
1430
1555
1680
1470
1615
1740
mV
VIH
Input HIGH Voltage (Single-Ended)
2090
2415
2155
2480
2215
2540
mV
VIL
Input LOW Voltage (Single-Ended)
1365
1690
1430
1755
1490
1815
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(7)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
NECL 10EP DC Electrical Characteristics(4)
VCC = 0V; VEE = –3.0V to –3.6V; TA = –40°C to +85°C, unless otherwise stated.
-40°C
25°C
85°C
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
IEE
Power Supply Current
80
105
80
105
80
105
mA
VOH
Output HIGH Voltage
(6)
-1135
-1010
-885
-1070
-945
-820
-1010
-885
-760
mV
VOL
Output LOW Voltage
(6)
-1935
-1810
-1685
-1870
-1745
-1620
-1830
-1685
-1560
mV
VIH
Input HIGH Voltage (Single-Ended)
-1210
-885
-1145
-820
-1085
-760
mV
VIL
Input LOW Voltage (Single-Ended)
-1935
-1610
-1870
-1545
-1810
-1485
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(7)
VEE +2.0
0.0
VEE +2.0
0.0
VEE +2.0
0.0
V
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. θJA and θJC values are determined for a 4-layer board in still-air unless otherwise stated.
4. The device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse
airflow greater than 500lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding
these conditions is not implied. Device specifications limit values are applied individually under normal operating conditions and not valid simultaneously.
5. Input and output parameters vary 1:1 with VCC.
6. All loading with 50Ω to VCC–2.0V.
7. VIHCMR (min) varies 1:1 with VEE, VIHCMR (max) varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.


Similar Part No. - SY10EP451L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP451L MICREL-SY10EP451L Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
SY10EP451LTG MICREL-SY10EP451LTG Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
SY10EP451LTGTR MICREL-SY10EP451LTGTR Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
More results

Similar Description - SY10EP451L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP451L MICREL-SY10EP451L Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
logo
ON Semiconductor
MC10EP451 ONSEMI-MC10EP451_06 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451 ONSEMI-MC10EP451 Datasheet
91Kb / 10P
   3.3V / 5VECL 6-Bit Differential Register with Master Reset
June, 2004 ??Rev. 6
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC10E451 ONSEMI-MC10E451_16 Datasheet
165Kb / 9P
   5 V ECL 6-Bit D Register Differential Data and Clock
July, 2016 ??Rev. 10
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com