Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65410-L80E Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q65410-L80E
Description  Double Differential Magneto Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q65410-L80E Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q65410-L80E Datasheet HTML 1Page - Siemens Semiconductor Group Q65410-L80E Datasheet HTML 2Page - Siemens Semiconductor Group Q65410-L80E Datasheet HTML 3Page - Siemens Semiconductor Group Q65410-L80E Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Semiconductor Group
3
FP 410 L (4 x 80) FM
Maximum ratings
Characteristics (
T
A = 25 °C)
Parameter
Symbol
Value
Unit
Operating temperature
T
A
– 40 / + 175
°C
Storage temperature
T
stg
– 40 / + 185
°C
Power dissipation1)
P
tot
1000
mW
Supply voltage2) (
B = 0.3 T)
V
IN
8V
Thermal conductivity
–attached to heatsink
–in still air
G
th case
G
th A
≥ 20
2
mW/K
Basic resistance
(
I
≤ 1 mA; B = 0 T)
R
01-3
R
04-6
110
…220
Center symmetry3)
M
≤ 6%
Relative resistance change
(
R = R
01-3, R04-6 at B = 0 T)
B =
± 0.3 T4)
B =
± 1 T
R
B/R0
> 1.7
> 7
Temperature coefficient
B = 0 T
B =
± 0.3 T
B =
± 1 T
TC
R
– 0.16
– 0.38
– 0.54
%/K
%/K
%/K
1) Corresponding to diagram
Ptot = f(Tcase)
2) Corresponding to diagram
VIN = f(Tcase)
3)
4) 1 T = 1 Tesla = 104 Gauss
M
R
01
2
R
02
3
--------------------------------
=
× 100% for R
01-2 > R02-3
R
01
2
M
R
04
5
R
05
6
--------------------------------
=
× 100% for R
04-5 > R05-6
R
04
5


Similar Part No. - Q65410-L80E

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q65412-D250 SIEMENS-Q65412-D250 Datasheet
201Kb / 3P
   Differential Magneto Resistor
Q65412-L100 SIEMENS-Q65412-L100 Datasheet
188Kb / 3P
   Differential Magneto Resistor
More results

Similar Description - Q65410-L80E

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
FP420L90 SIEMENS-FP420L90 Datasheet
206Kb / 4P
   Double Differential Magneto Resistor
FP425L90 SIEMENS-FP425L90 Datasheet
205Kb / 4P
   Differential Magneto Resistor
FP412D250 SIEMENS-FP412D250 Datasheet
201Kb / 3P
   Differential Magneto Resistor
FP412L100 SIEMENS-FP412L100 Datasheet
188Kb / 3P
   Differential Magneto Resistor
logo
Fujitsu Component Limit...
MCE3130AP FUJITSU-MCE3130AP Datasheet
740Kb / 2P
   Magneto-Optical Drives
logo
Mallory performance clu...
53SERIES MALLORY-53SERIES Datasheet
39Kb / 1P
   MAGNETO IGNITION SYSTEM
logo
Fujitsu Component Limit...
MCC3064SS FUJITSU-MCC3064SS Datasheet
40Kb / 2P
   Magneto-Optical Drives
logo
Sony Corporation
DM-111A SONY-DM-111A Datasheet
140Kb / 7P
   Magneto-Resistance Element
logo
Fujitsu Component Limit...
MCE3064SS FUJITSU-MCE3064SS Datasheet
50Kb / 2P
   Magneto-Optical Drives
logo
Infineon Technologies A...
GMRS6 INFINEON-GMRS6 Datasheet
29Kb / 3P
   Giant Magneto Resistive Position Sensor
1999-04-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com