Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP451LTGTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10EP451LTGTR
Description  3.3V ECL 6-Bit Differential Register with Master Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP451LTGTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10EP451LTGTR Datasheet HTML 1Page - Micrel Semiconductor SY10EP451LTGTR Datasheet HTML 2Page - Micrel Semiconductor SY10EP451LTGTR Datasheet HTML 3Page - Micrel Semiconductor SY10EP451LTGTR Datasheet HTML 4Page - Micrel Semiconductor SY10EP451LTGTR Datasheet HTML 5Page - Micrel Semiconductor SY10EP451LTGTR Datasheet HTML 6Page - Micrel Semiconductor SY10EP451LTGTR Datasheet HTML 7Page - Micrel Semiconductor SY10EP451LTGTR Datasheet HTML 8Page - Micrel Semiconductor SY10EP451LTGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SY10/100EP451L
3.3V ECL 6-Bit Differential Register
with Master Reset
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 2007
M9999-051807-B
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY10/100EP451L is a 6-bit fully differential register
with common clock and single-ended Master Reset (MR).
It is ideal for very high frequency applications where a
registered data path is necessary.
All inputs have an internal 75kΩ pull-down resistor.
Differential inputs have an override clamp. Unused
differential register inputs can be left open and will default
LOW. When the differential inputs are forced to a value
smaller than VEE +1.2V, the clamp will override and force
the output to a default state.
The positive transition of CLK (pin 4) will latch the
registers. Master Reset (MR) HIGH will asynchronously
reset all registers forcing Q outputs to go LOW.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 450ps typical propagation delay
• Maximum frequency > 3.0GHz typical
• Asynchronous Master Reset
• 20ps skew within device, 35ps skew device-to-device
• PECL mode operating range:
– VCC = 3.0V to 3.6V with VEE = 0V
• NECL mode operating range:
– VCC = 0V with VEE = –3.0V to –3.6V
• Open input default state
• Safety clamp on inputs
• Available in 32-pin TQFP
Applications
• High Speed Logic
• Wireless Communication Systems
• Data Communication Systems


Similar Part No. - SY10EP451LTGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP451LTGTR MICREL-SY10EP451LTGTR Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
More results

Similar Description - SY10EP451LTGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP451L MICREL-SY10EP451L Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
logo
ON Semiconductor
MC10EP451 ONSEMI-MC10EP451_06 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451 ONSEMI-MC10EP451 Datasheet
91Kb / 10P
   3.3V / 5VECL 6-Bit Differential Register with Master Reset
June, 2004 ??Rev. 6
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC10E451 ONSEMI-MC10E451_16 Datasheet
165Kb / 9P
   5 V ECL 6-Bit D Register Differential Data and Clock
July, 2016 ??Rev. 10
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com