Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E417JC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100E417JC
Description  QUINT LVPECL-TO-PECL QUINT LVPECL-TO-PECL TRANSLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E417JC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100E417JC Datasheet HTML 1Page - Micrel Semiconductor SY100E417JC Datasheet HTML 2Page - Micrel Semiconductor SY100E417JC Datasheet HTML 3Page - Micrel Semiconductor SY100E417JC Datasheet HTML 4Page - Micrel Semiconductor SY100E417JC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SY100E417
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
PECL OUTPUT DC ELECTRICAL CHARACTERISTICS
VCC = VCCO = +4.5V to +5.5V
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VCCO
Power Supply Voltage
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
V
VOH
Output HIGH Voltage(1)
3.915
4.120
3.975
4.120
3.975
4.120
3.975
4.120
V
VOL
Output LOW Voltage(1)
3.170
3.445
3.190
3.380
3.190
3.380
3.190
3.380
V
ICCO
Power Supply Current
35
35
23
35
37
mA
Notes:
1. These levels are for VCCO = 5.0V. Level specifications will vary 1:1 with VCCO.
AC ELECTRICAL CHARACTERISTICS(1)
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max. Unit
tPD
Propagation Delay
Diff.
410
510
610
410
510
610
410
510
610
410
510
610
ps
D to Q
S.E.
380
530
680
380
530
680
380
530
680
380
530
680
tskew
Within-Device Skew
Output-to-Output(2)
20
100
20
100
20
100
20
100
ps
Part-to-Part (Diff.)(2)
20
200
20
200
20
200
20
200
Duty Cycle (Diff.)(3)
—25—
—25—
—25—
—25—
VPP
Minimum Input Swing(4)
150
150
150
150
mV
VCMR
Common Mode Range(5)
V
VPP < 500mV
1.3
VCC–0.2
1.2
VCC–0.2
1.2
VCC–0.2
1.2
VCC–0.2
VPP
≥ 500mV
1.5
VCC–0.2
1.4
VCC–0.2
1.4
VCC–0.2
1.4
VCC–0.2
tr
Output Rise/Fall Times Q
320
580
320
580
320
580
320
580
ps
tf
(20% to 80%)
Notes:
1. Power supply requirements applies as indicated in the DC electrical characteristics tables.
2. Skew is measured between outputs under identical transitions.
3. Duty cycle skew is the difference between a TPLH and TPHL propagation delay through a device Common Mode Range.
4. Minimum input swing for which AC parameters are guaranteed. The device has a DC gain of ~40.
5. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified
range and the peak-to-peak voltage lies between VPP min. and 1V.


Similar Part No. - SY100E417JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E417JC MICREL-SY100E417JC Datasheet
73Kb / 5P
   QUINT LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100E417JCTR MICREL-SY100E417JCTR Datasheet
73Kb / 5P
   QUINT LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
More results

Similar Description - SY100E417JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E417 MICREL-SY100E417 Datasheet
73Kb / 5P
   QUINT LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100EL92 MICREL-SY100EL92_06 Datasheet
62Kb / 5P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100EL92 MICREL-SY100EL92 Datasheet
71Kb / 4P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
71Kb / 3P
   Triple PECL to LVPECL Translator?
1997 REV 2
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
   PECL / LVPECL to LVDS Translator
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL92 ONSEMI-MC100LVEL92_16 Datasheet
147Kb / 5P
   5V Triple PECL Input to LVPECL Output Translator
July, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com