Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL91 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100EL91
Description  TRIPLE PECL-TO-ECL TRANSLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL91 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100EL91 Datasheet HTML 1Page - Micrel Semiconductor SY100EL91 Datasheet HTML 2Page - Micrel Semiconductor SY100EL91 Datasheet HTML 3Page - Micrel Semiconductor SY100EL91 Datasheet HTML 4Page - Micrel Semiconductor SY100EL91 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY100EL91
Micrel, Inc.
M9999-031306
hbwhelp@micrel.com or (408) 955-1690
PECL INPUT DC ELECTRICAL CHARACTERISTICS
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VCC
Power Supply Voltage
4.75
5.25
4.75
5.25
4.75
5.25
4.75
5.25
V
VIH
Input HIGH Voltage(1)
3.835
4.120
3.835
4.120
3.835
4.120
3.835
4.120
V
VIL
Input LOW Voltage(1)
3.190
3.525
3.190
3.525
3.190
3.525
3.190
3.525
V
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current Dn
0.5
0.5
0.5
0.5
µA
Dn
–600
–600
–600
–600
VBB
Output Reference(1)
3.620
3.740
3.620
3.740
3.620
3.740
3.620
3.740
V
ICC
Power Supply Current
11
11
6.0
11
11
mA
ECL OUTPUT DC ELECTRICAL CHARACTERISTICS
Note:
1. These values are for VCC = 5V. Level specifications will vary 1:1 with VCC.
TA = –40
°C
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VEE
Power Supply Voltage
–4.2
–5.5
–4.2
–5.5
–4.2
–5.5
–4.2
–5.5
V
VOH
Output HIGH Voltage
–1085
–880 –1025
–880 –1025 –955
–880
–1025
–880
mV
VOL
Output LOW Voltage
–1830
–1555 –1810
–1620 –1810 –1705 –1620 –1810
–1620
mV
IEE
Power Supply Current
28
28
22
28
30
mA


Similar Part No. - SY100EL91

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL91L MICREL-SY100EL91L Datasheet
57Kb / 5P
   3.3V TRIPLE LVPECL-to-ECL OR LVPECL-to-LVECL TRANSLATOR
SY100EL91ZC MICREL-SY100EL91ZC Datasheet
57Kb / 5P
   3.3V TRIPLE LVPECL-to-ECL OR LVPECL-to-LVECL TRANSLATOR
SY100EL91ZCTR MICREL-SY100EL91ZCTR Datasheet
57Kb / 5P
   3.3V TRIPLE LVPECL-to-ECL OR LVPECL-to-LVECL TRANSLATOR
SY100EL91ZG MICREL-SY100EL91ZG Datasheet
57Kb / 5P
   3.3V TRIPLE LVPECL-to-ECL OR LVPECL-to-LVECL TRANSLATOR
SY100EL91ZGTR MICREL-SY100EL91ZGTR Datasheet
57Kb / 5P
   3.3V TRIPLE LVPECL-to-ECL OR LVPECL-to-LVECL TRANSLATOR
More results

Similar Description - SY100EL91

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL90 ONSEMI-MC100LVEL90 Datasheet
114Kb / 4P
   Triple ECL to PECL Translator
1996 REV 1
MC100LVEL91 ONSEMI-MC100LVEL91 Datasheet
80Kb / 4P
   Triple PECL to ECL Translator?
1997 REV 1
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100EL90 ONSEMI-MC100EL90_06 Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL90 ONSEMI-MC100EL90 Datasheet
147Kb / 6P
   -3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
MC10EP90 ONSEMI-MC10EP90 Datasheet
68Kb / 8P
   -3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
June, 2004 ??Rev. 4
MC10EP90 ONSEMI-MC10EP90_06 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC100EL91 ONSEMI-MC100EL91_06 Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
71Kb / 3P
   Triple PECL to LVPECL Translator?
1997 REV 2
MC100EL91 ONSEMI-MC100EL91 Datasheet
150Kb / 5P
   5 V Triple PECL Input to -5 V ECL Output Translator
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com