Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL29VZITR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100EL29VZITR
Description  5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCKD FLIP-FLOP w/SET AND RESET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL29VZITR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100EL29VZITR Datasheet HTML 1Page - Micrel Semiconductor SY100EL29VZITR Datasheet HTML 2Page - Micrel Semiconductor SY100EL29VZITR Datasheet HTML 3Page - Micrel Semiconductor SY100EL29VZITR Datasheet HTML 4Page - Micrel Semiconductor SY100EL29VZITR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Precision Edge®
SY100EL29V
Micrel, Inc.
M9999-031306
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
f
MAX
Max. Toggle Frequency
1.1
1.1
1.1
1.1
GHz
t
PD
Propagation Delay
CLK
480
680
490
690
500
700
520
720
ps
to Output
S, R
450
670
450
670
450
670
450
670
t
S
Set-Up Time, D
200
200
200
200
ps
t
H
Hold Time, D
150
150
150
150
ps
t
RR
Reset Recovery Time
300
300
300
300
ps
t
PW
Minimum Pulse Width
400
400
400
400
ps
CLK, Set, Reset
V
CMR
Common Mode Range(1)
V
<500mV
–2.0
–0.4
–2.1
–0.4
–2.1
–0.4
–2.1
–0.4
≥500mV
–1.8
–0.4
–1.9
–0.4
–1.9
–0.4
–1.9
–0.4
V
PP (AC)
Minimum Input Swing(2)
150
150
150
150
mV
t
r
Output Rise/Fall Time Q
280
550
280
550
280
330
550
280
550
ps
t
f
(20–80%)
AC ELECTRICAL CHARACTERISTICS
V
EE = –3.0V to +5.5V; VCC = GND
Notes:
1. VCMR is referenced to the most positive side of the differential input signal. Normal operation is obtained when the input signals are within the VCMR range
and the input swing is greater than VPP(Min.) and <1V. The lower end of the VCMR range varies 1:1 with VEE. The numbers in the spec table assume
a nominal VEE = –3.3V. Note for PECL operation, the VCMR(Min) will be fixed at 3.3V – |VCMR(Min)|.
2. Minimum input swing for which AC parameters are guaranteed.


Similar Part No. - SY100EL29VZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL29VZC MICREL-SY100EL29VZC Datasheet
65Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP w/SET AND RESET
SY100EL29VZCTR MICREL-SY100EL29VZCTR Datasheet
65Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP w/SET AND RESET
More results

Similar Description - SY100EL29VZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL29V MICREL-SY100EL29V Datasheet
65Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP w/SET AND RESET
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP29 ONSEMI-MC10EP29 Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
MC100LVEL29 ONSEMI-MC100LVEL29 Datasheet
114Kb / 3P
   Dual Differential Data and Clock D Flip-Flop With Set and Reset
1996 REV 1
MC10EP29 ONSEMI-MC10EP29_06 Datasheet
173Kb / 11P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
December, 2006 ??Rev. 4
MC10EP131 ONSEMI-MC10EP131 Datasheet
90Kb / 10P
   3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
January, 2004 ??Rev. 7
MC10EP29 ONSEMI-MC10EP29_14 Datasheet
111Kb / 10P
   ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
April, 2014 ??Rev. 9
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com