Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL92 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100EL92
Description  TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL92 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100EL92 Datasheet HTML 1Page - Micrel Semiconductor SY100EL92 Datasheet HTML 2Page - Micrel Semiconductor SY100EL92 Datasheet HTML 3Page - Micrel Semiconductor SY100EL92 Datasheet HTML 4Page - Micrel Semiconductor SY100EL92 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY100EL92
Micrel, Inc.
M9999-031306
hbwhelp@micrel.com or (408) 955-1690
PECL INPUT DC ELECTRICAL CHARACTERISTICS
VCC_VBB = VCC = +4.5V to +5.5V; VCCO = +3.0V to +3.8V
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VCC
Power Supply Voltage
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
V
VIH
Input HIGH Voltage(1)
3.835
4.120
3.835
4.120
3.835
4.120
3.835
4.120
V
VIL
Input LOW Voltage(1)
3.190
3.515
3.190
3.525
3.190
3.525
3.190
3.525
V
VPP
Minimum Peak-to-Peak
150
150
150
150
mV
Input
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current
Dn
0.5
0.5
0.5
0.5
µA
Dn
–600
–600
–600
–600
VBB
Output Reference(1)
3.620
3.740
3.620
3.740
3.620
3.740
3.620
3.740
V
ICC
Power Supply Current
12
12
8.0
12
12
mA
Note:
1. These levels are for VCC_VBB = 5.0V. Level specifications will vary 1:1 with VCC_VBB.
LVPECL OUTPUT DC ELECTRICAL CHARACTERISTICS
VCC_VBB = VCC = +4.5V to +5.5V; VCCO = +3.0V to +3.8V
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VCCO
Power Supply Voltage
3.0
3.8
3.0
3.8
3.0
3.3
3.8
3.0
3.8
V
VOH
Output HIGH Voltage(1)
2.215
2.420
2.275
2.420
2.275 2.350 2.420 2.275
2.420
V
VOL
Output LOW Voltage(1)
1.470
1.745
1.490
1.680
1.490 1.600 1.680 1.490
1.680
V
ICCO
Power Supply Current
20
20
15
20
21
mA
Note:
1. These levels are for VCCO = 3.3V. Level specifications will vary 1:1 with VCCO.
LVPECL INPUT DC ELECTRICAL CHARACTERISTICS
VCC_VBB = +3.0V to +3.8V(1); VCC = VCCO = +4.5V to +5.5V
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VCC
Power Supply Voltage
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
V
VIH
Input HIGH Voltage(2)
2.135
2.420
2.135
2.420
2.135
2.420
2.135
2.420
V
VIL
Input LOW Voltage(2)
1.490
1.825
1.490
1.825
1.490
1.825
1.490
1.825
V
VPP
Minimum Peak-to-Peak
150
150
150
150
mV
Input
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current
Dn
0.5
0.5
0.5
0.5
µA
Dn
–600
–600
–600
–600
VBB
Output Reference(2)
1.92
2.04
1.92
2.04
1.92
2.04
1.92
2.04
V
ICC
Power Supply Current
12
12
8.0
12
12
mA
Notes:
1. VCC_VBB = 3.3V is only required for single-ended LVPECL input. For differential LVPECL input, VCC_VBB can be either 3.3V or 5V.
2. These levels are for VCC_VBB = 3.3V. Level specifications will vary 1:1 with VCC_VBB.


Similar Part No. - SY100EL92

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL92 MICREL-SY100EL92 Datasheet
71Kb / 4P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100EL92ZC MICREL-SY100EL92ZC Datasheet
71Kb / 4P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100EL92ZCTR MICREL-SY100EL92ZCTR Datasheet
71Kb / 4P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
More results

Similar Description - SY100EL92

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL92 MICREL-SY100EL92 Datasheet
71Kb / 4P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100E417 MICREL-SY100E417 Datasheet
73Kb / 5P
   QUINT LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
71Kb / 3P
   Triple PECL to LVPECL Translator?
1997 REV 2
logo
Micrel Semiconductor
SY100E417 MICREL-SY100E417_06 Datasheet
71Kb / 5P
   QUINT LVPECL-TO-PECL QUINT LVPECL-TO-PECL TRANSLATOR
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
   PECL / LVPECL to LVDS Translator
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL92 ONSEMI-MC100LVEL92_16 Datasheet
147Kb / 5P
   5V Triple PECL Input to LVPECL Output Translator
July, 2016 ??Rev. 13
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com