Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5260B Datasheet(PDF) 3 Page - WILLAS ELECTRONIC CORP

Part # 1N5260B
Description  Silicon Z?밆iodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

1N5260B Datasheet(HTML) 3 Page - WILLAS ELECTRONIC CORP

  1N5260B Datasheet HTML 1Page - WILLAS ELECTRONIC CORP 1N5260B Datasheet HTML 2Page - WILLAS ELECTRONIC CORP 1N5260B Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N5221B THRU 1N5267B
Vz (V)
5
10
15
20
25
0
10
20
30
40
50
30
FIG. 1 POWER DERATING CURVE
50
0
100
200
300
400
500
100
150
200
250
AMBIENT TEMPERATURE, C
O
Fig.2 BREAKDOWN CHARACTERISTICS
Test Current
Iz=20mA
RATING AND CHARACTERISTIC CURVES
WILLS ELECTRONIC CORP.
2010.08
TK
VZ
Nom. V
Min. V
Max. V
mA
mA
μA
V
%/K
1N5261B
47.0
44.65
49.35
150
2.7
1000
0.25
0.1
36.0
<+0.095
1N5261B
1N5262B
51.0
48.45
53.55
125
2.5
1100
0.25
0.1
39.0
<+0.096
1N5262B
1N5263B
56.0
53.20
58.80
150
2.2
1300
0.25
0.1
43.0
<+0.096
1N5263B
1N5264B
60.0
57.00
63.00
170
2.1
1400
0.25
0.1
46.0
<+0.097
1N5264B
1N5265B
62.0
58.90
65.10
185
2.0
1400
0.25
0.1
47.0
<+0.097
1N5265B
1N5266B
68.0
64.60
71.40
230
1.8
1600
0.25
0.1
52.0
<+0.097
1N5266B
1N5267B
75.0
71.25
78.75
270
1.7
1700
0.25
0.1
56.0
<+0.098
1N5267B
Max Reverse
Leakage Current
Marking
Code
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Part No.
Nominal Zener Voltage
Max. Zener Impedance
Based on dc–measurement at thermal equilibrium; lead length = 9.5mm (3/8”); thermal resistance of heat sink = 30K/W
1)
500 mWatts Zener Diodes
WILLAS


Similar Part No. - 1N5260B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5260B VISHAY-1N5260B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Silicon Supplies
1N5260B SS-1N5260B Datasheet
345Kb / 4P
   0.5W Zener Diode
logo
Vishay Siliconix
1N5260B VISHAY-1N5260B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Tak Cheong Electronics ...
1N5260B TAK_CHEONG-1N5260B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Fairchild Semiconductor
1N5260B FAIRCHILD-1N5260B Datasheet
135Kb / 6P
   Zener Diodes
More results

Similar Description - 1N5260B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
BZG03C TAYCHIPST-BZG03C Datasheet
1Mb / 3P
   Silicon Z?밆iodes
logo
Gaomi Xinghe Electronic...
1N5221B GXELECTRONICS-1N5221B Datasheet
203Kb / 2P
   Silicon Z?밆iodes
logo
Vishay Siliconix
BZG05C VISHAY-BZG05C Datasheet
64Kb / 4P
   Silicon Z-Diodes
Rev. 6, 01-Apr-99
logo
List of Unclassifed Man...
BZY83C ETC-BZY83C Datasheet
157Kb / 5P
   Silicon Z-diodes
logo
Vishay Siliconix
1N957B VISHAY-1N957B Datasheet
33Kb / 3P
   Silicon Z-Diodes
Rev. A3, 13-Nov-98
BZG47 VISHAY-BZG47 Datasheet
84Kb / 4P
   Silicon Z–Diodes
Rev. 5, 06-Aug-99
1N5221B VISHAY-1N5221B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
TZM5221B VISHAY-TZM5221B Datasheet
59Kb / 4P
   Silicon Z-Diodes
Rev. 2, 01-Apr-99
logo
Diotec Semiconductor
ZPY10 DIOTEC-ZPY10 Datasheet
90Kb / 2P
   Silicon Power Z-Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com