Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4308V Datasheet(PDF) 1 Page - New Japan Radio

Part # NJW4308V
Description  3 Phase Blush Less DC Motor Controller with Lead Angle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4308V Datasheet(HTML) 1 Page - New Japan Radio

  NJW4308V Datasheet HTML 1Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver.2010/09/03                                                                         
         
NJW4308
3 Phase Blush Less DC Motor Controller with Lead Angle
■ PACKAGE OUTLINE
NJW4308V
■ BLOCK DIAGLAM
■ FEATURE
▪ Supply Voltage
: 6.0V ~ 36V
▪ Exciting Angle
: 150º ( Adjustable )
▪ Lead Angle Control
: 60º 32
▪ PWM Pre-Driver
: 100mA
▪ PWM Control
▪ FG Output
▪ Forward / Reverse Detection
▪ PWM Oscillation Circuit
▪ Hall Bias Circuit
▪ Protection Circuit
: ILIMIT, UVLO, TSD, LD
▪ Package
: SSOP-32
Clock
Generator
Rotor
Position
Decode
Saw
Oscillator
PWM
Logic
H1 +
H1 -
CK1
OSC
VERR
GND
VH
WH
VCC
UL
VL
WL
120º
150º
Control
HB
CK2
Logic
SEL
FR
FG
ILimit
BR
VREF
4bit A/D Converter
FR
Ct
Brake
H2 +
H2 -
H3 +
H3 -
Hall Bias
Lock
Detect
RST
UH
TSD
UVLO
VREF
5bit A/D Converter
VLA
VEA
N.C.
N.C.
N.C.
NJW4308


Similar Part No. - NJW4308V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4301 NJRC-NJW4301 Datasheet
225Kb / 11P
   2 CHANNEL BRIDGE DRIVER IC
NJW4301D NJRC-NJW4301D Datasheet
225Kb / 11P
   2 CHANNEL BRIDGE DRIVER IC
NJW4301M NJRC-NJW4301M Datasheet
225Kb / 11P
   2 CHANNEL BRIDGE DRIVER IC
NJW4302 NJRC-NJW4302 Datasheet
209Kb / 18P
   THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
NJW4302FA1 NJRC-NJW4302FA1 Datasheet
209Kb / 18P
   THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
More results

Similar Description - NJW4308V

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2502 PTC-PT2502 Datasheet
1Mb / 24P
   3-Phase Sensor-less BLDC Motor Controller
logo
ON Semiconductor
LV8907UW ONSEMI-LV8907UW Datasheet
1Mb / 45P
   Sensor-less Three-phase Brushless DC Motor Controller
July 2015- Rev. P2
LV8907UW ONSEMI-LV8907UW_18 Datasheet
945Kb / 46P
   Sensor-less Three-phase Brushless DC Motor Controller
June, 2018 ??Rev. 1
STK984-091A-E ONSEMI-STK984-091A-E Datasheet
69Kb / 7P
   3-phase Brush-less DC Motor Driver IC
April, 2013
logo
PADAUK Technology.
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
   3-Phase Brushless DC Motor Controller
logo
Vishay Siliconix
SI9979 VISHAY-SI9979 Datasheet
270Kb / 7P
   3-Phase Brushless DC Motor Controller
Rev. D, 05-Apr-99
SI9979 VISHAY-SI9979_V01 Datasheet
331Kb / 10P
   3-Phase Brushless DC Motor Controller
01-Jan-2022
SI9979 VISHAY-SI9979_04 Datasheet
122Kb / 9P
   3-Phase Brushless DC Motor Controller
Rev. E, 21-Jun-04
logo
PADAUK Technology.
DF329 PADAUK-DF329 Datasheet
744Kb / 17P
   3-Phase Brushless DC Motor Controller
DF319 PADAUK-DF319 Datasheet
307Kb / 12P
   3-Phase Brushless DC Motor Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com