Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5590 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC5590
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5590 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC5590 Datasheet HTML 6Page - Linear Technology LTC5590 Datasheet HTML 7Page - Linear Technology LTC5590 Datasheet HTML 8Page - Linear Technology LTC5590 Datasheet HTML 9Page - Linear Technology LTC5590 Datasheet HTML 10Page - Linear Technology LTC5590 Datasheet HTML 11Page - Linear Technology LTC5590 Datasheet HTML 12Page - Linear Technology LTC5590 Datasheet HTML 13Page - Linear Technology LTC5590 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC5592
10
5592f
PIN FUNCTIONS
RFA, RFB (Pins 1, 6): Single-Ended RF Inputs for Chan-
nels A and B. These pins are internally connected to the
primary sides of the RF input transformers, which have
low DC resistance to ground. Series DC-blocking capaci-
tors should be used to avoid damage to the integrated
transformer when DC voltage is present at the RF inputs.
The RF inputs are impedance matched when the LO input
is driven with a 0±6dBm source between 1.7GHz and
2.5GHz and the channels are enabled.
CTA, CTB (Pins 2, 5): RF Transformer Secondary Center-
Tap on Channels A and B. These pins may require bypass
capacitors to ground to optimize IIP3 performance. Each
pin has an internally generated bias voltage of 1.2V and
must be DC-isolated from ground and VCC.
GND (Pins 3, 4, 7, 13, 15, 24, Exposed Pad Pin 25):
Ground. These pins must be soldered to the RF ground
plane on the circuit board. The exposed pad metal of the
package provides both electrical contact to ground and
good thermal contact to the printed circuit board.
IFGNDB, IFGNDA (Pins 8, 23): DC Ground Returns for the
IF Amplifiers. These pins must be connected to ground to
complete the DC current paths for the IF amplifiers. Chip
inductors may be used to tune LO-IF and RF-IF leakage.
Typical DC current is 101mA for each pin.
IFB+, IFB, IFA, IFA+ (Pins 9, 10, 21, 22):
Open-Collector
Differential Outputs for the IF Amplifiers of Channels B and
A. These pins must be connected to a DC supply through
impedance matching inductors, or transformer center-taps.
Typical DC current consumption is 50.5mA into each pin.
IFBB, IFBA (Pins 11, 20): Bias Adjust Pins for the IF
Amplifiers. These pins allow independent adjustment
of the internal IF buffer currents for channels B and A,
respectively. The typical DC voltage on these pins is 2.2V.
If not used, these pins must be DC isolated from ground
and VCC.
VCCB and VCCA (Pins 12, 19): Power Supply Pins for the
LO Buffers and Bias Circuits. These pins must be con-
nected to a regulated 3.3V supply with bypass capacitors
located close to the pins. Typical current consumption is
99.5mA per pin.
ENB, ENA (Pins 14, 17): Enable Pins. These pins allow
Channels B and A, respectively, to be independently en-
abled. An applied voltage of greater than 2.5V activates
the associated channel while a voltage of less than 0.3V
disables the channel. Typical input current is less than
10μA. These pins must not be allowed to float.
LO (Pin 16): Single-Ended Local Oscillator Input. This
pin is internally connected to the primary side of the LO
input transformer and has a low DC resistance to ground.
Series DC-blocking capacitors should be used to avoid
damage to the integrated transformer when DC voltage
present at LO input. The LO input is internally matched
to 50Ω for all states of ENA and ENB.
ISEL (Pin 18): Low Power Select Pin. When this pin is pulled
low (<0.3V), both mixer channels are biased at the normal
current level for best RF performance. When greater than
2.5V is applied, both channels operate at reduced current,
which provides reasonable performance at lower power
consumption. This pin must not be allowed to float.


Similar Part No. - LTC5590

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5590 LINER-LTC5590 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5590 LINER-LTC5590_15 Datasheet
376Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
More results

Similar Description - LTC5590

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5592 LINER-LTC5592_15 Datasheet
414Kb / 20P
   Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5542 LINER-LTC5542 Datasheet
66Kb / 2P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5590 LINER-LTC5590_15 Datasheet
376Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5590 LINER-LTC5590 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5591 LINER-LTC5591_15 Datasheet
342Kb / 20P
   Dual 1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5593 LINER-LTC5593_15 Datasheet
476Kb / 28P
   Dual 2.3GHz to 4.5GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5540 LINER-LTC5540_15 Datasheet
303Kb / 16P
   600MHz to 1.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541_09 Datasheet
249Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com