Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5590 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC5590
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5590 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC5590 Datasheet HTML 4Page - Linear Technology LTC5590 Datasheet HTML 5Page - Linear Technology LTC5590 Datasheet HTML 6Page - Linear Technology LTC5590 Datasheet HTML 7Page - Linear Technology LTC5590 Datasheet HTML 8Page - Linear Technology LTC5590 Datasheet HTML 9Page - Linear Technology LTC5590 Datasheet HTML 10Page - Linear Technology LTC5590 Datasheet HTML 11Page - Linear Technology LTC5590 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC5592
8
5592f
TYPICAL AC PERFORMANCE CHARACTERISTICS
Conversion Gain and IIP3 vs
RF Frequency
SSB NF vs RF Frequency
Channel Isolation vs RF Frequency
1750MHz Conversion Gain, IIP3
and NF vs LO Power
1950MHz Conversion Gain, IIP3
and NF vs LO Power
2150MHz Conversion Gain, IIP3
and NF vs LO Power
High Side LO
VCC = 3.3V, VCCIF = 3.3V, ENA = ENB = High, ISEL = Low, TC = 25°C, PLO = 0dBm, PRF = –3dBm (–3dBm/tone for two-tone IIP3 tests,
Δf = 2MHz), IF = 190MHz, unless otherwise noted. Test circuit shown in Figure 1.
Conversion Gain, IIP3 and NF vs
Supply Voltage (Single Supply)
Conversion Gain, IIP3 and NF vs
Supply Voltage (Dual Supply)
Conversion Gain, IIP3 and
RF Input P1dB vs Temperature
RF FREQUENCY (MHz)
1600
8
6
10
12
16
18
20
26
28
24
22
1700
1900
5592 G28
14
6
7
8
10
11
12
15
16
17
14
13
9
1800
2000 2100
2300
2200
IIP3
GC
–40°C
25°C
85°C
105°C
LO INPUT POWER (dBm)
–6
–4
0
5592 G31
6
14
12
10
8
20
18
16
22
26
28
24
0
4
2
8
6
12
10
20
18
22
IIP3
16
14
–2
24
6
–40°C
25°C
85°C
GC
NF
LO INPUT POWER (dBm)
–6
–4
0
5592 G32
6
10
8
14
12
16
18
24
26
28
22
20
0
2
4
8
6
12
10
20
18
22
IIP3
16
14
–2
24
6
–40°C
25°C
85°C
GC
NF
LO INPUT POWER (dBm)
–6
–4
0
5592 G33
6
12
10
8
16
14
18
22
20
26
28
24
0
2
4
8
6
12
10
20
18
22
IIP3
16
14
–2
24
6
–40°C
25°C
85°C
NF
GC
VCC, VCCIF SUPPLY VOLTAGE (V)
3
3.1
3.2
5592 G34
6
8
10
12
16
14
18
26
24
28
22
20
0
2
8
6
4
12
10
18
20
22
IIP3
16
14
3.3
3.4
3.5
3.6
–40°C
25°C
85°C
GC
NF
VCC = VCCIF
RF = 1950MHz
VCCIF SUPPLY VOLTAGE (V)
3
3.5
5592 G35
6
10
8
14
12
16
18
26
24
28
20
22
0
2
6
4
8
12
10
20
18
22
IIP3
16
14
4
4.5
5
5.5
–40°C
25°C
85°C
NF
GC
VCC = 3.3V
RF = 1950MHz
CASE TEMPERATURE (°C)
–40
–10
5592 G36
6
8
12
10
14
18
16
26
24
28
20
22
IIP3
20
50
80
110
VCCIF = 3.3V
VCCIF = 5V
GC
P1dB
RF = 1950MHz
RF FREQUENCY (MHz)
1600 1700
1900
5592 G29
6
7
8
10
11
12
15
16
14
13
9
1800
2000 2100
2300
2200
–40°C
25°C
85°C
105°C
RF FREQUENCY (MHz)
1600 1700
1900
5592 G30
35
40
50
55
70
65
60
45
1800
2000 2100
2300
2200
–40°C
25°C
85°C


Similar Part No. - LTC5590

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5590 LINER-LTC5590 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5590 LINER-LTC5590_15 Datasheet
376Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
More results

Similar Description - LTC5590

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5592 LINER-LTC5592_15 Datasheet
414Kb / 20P
   Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5542 LINER-LTC5542 Datasheet
66Kb / 2P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5590 LINER-LTC5590_15 Datasheet
376Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5590 LINER-LTC5590 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5591 LINER-LTC5591_15 Datasheet
342Kb / 20P
   Dual 1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5593 LINER-LTC5593_15 Datasheet
476Kb / 28P
   Dual 2.3GHz to 4.5GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5540 LINER-LTC5540_15 Datasheet
303Kb / 16P
   600MHz to 1.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541_09 Datasheet
249Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com