Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5592 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC5592
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5592 Datasheet(HTML) 1 Page - Linear Technology

  LTC5592 Datasheet HTML 1Page - Linear Technology LTC5592 Datasheet HTML 2Page - Linear Technology LTC5592 Datasheet HTML 3Page - Linear Technology LTC5592 Datasheet HTML 4Page - Linear Technology LTC5592 Datasheet HTML 5Page - Linear Technology LTC5592 Datasheet HTML 6Page - Linear Technology LTC5592 Datasheet HTML 7Page - Linear Technology LTC5592 Datasheet HTML 8Page - Linear Technology LTC5592 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC5592
1
5592f
IF
AMP
ADC
IF
AMP
RF
2300MHz TO
2400MHz
LNA
BIAS
BIAS
SYNTH
VCCIF
3.3V or 5V
VCCIF
VCC
3.3V
VCC
22pF
22pF
22pF
1μF
22pF
1μF
22pF
150nH
150nH
1nF
1nF
190MHz
SAW
190MHz
BPF
IMAGE
BPF
RFA
RFB
ENA
LO
ENA
(0V/3.3V)
LO 2160MHz
2.2pF
VCCA
VCCB
IFA+
IFA
IFB+
IFB
5592 TA01a
LO
AMP
LO
AMP
ENB
ENB
(0V/3.3V)
RF
2300MHz TO
2400MHz
LNA
22pF
IMAGE
BPF
IF
AMP
IF
AMP
ADC
150nH
150nH
1nF
1nF 190MHz
SAW
190MHz
BPF
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual 1.6GHz to 2.7GHz
High Dynamic Range
Downconverting Mixer
The LTC®5592 is part of a family of dual-channel high dy-
namic range, high gain downconverting mixers covering
the 600MHz to 4.5GHz RF frequency range. The LTC5592
is optimized for 1.6GHz to 2.7GHz RF applications. The
LO frequency must fall within the 1.7GHz to 2.5GHz
range for optimum performance. A typical application
is a LTE or WiMAX receiver with a 2.3GHz to 2.7GHz RF
input and low side LO.
The LTC5592’s high conversion gain and high dynamic
range enable the use of lossy IF filters in high selectivity
receiver designs, while minimizing the total solution cost,
board space and system-level variation. A low current
mode is provided for additional power savings and each
of the mixer channels has independent shutdown control.
Wideband LTE Receiver
APPLICATIONS
n Conversion Gain: 8.3dB at 2.35GHz
n IIP3: 27.3dBm at 2.35GHz
n Noise Figure: 9.8dB at 2.35GHz
n 15.3dB NF Under 5dBm Blocking
n High Input P1dB
n 47dB Channel-to-Channel Isolation
n 3.3V Supply, 1.3W Power Consumption
n Low Power Mode for 0.8W Consumption
n Independent Channel Shutdown Control
n 50Ω Single-Ended RF and LO Inputs
n LO Input Matched In All Modes
n 0dBm LO Drive Level
n Small Package and Solution Size
n –40°C to 105°C Operation
n 3G/4G Wireless Infrastructure Diversity Receivers
(LTE, W-CDMA, TD-SCDMA, WiMAX, GSM 1800)
n MIMO Infrastructure Diversity Receivers
n High Dynamic Range Downmixer Applications
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
High Dynamic Range Dual Downconverting Mixer Family
PART NUMBER
RF RANGE
LO RANGE
LTC5590
600MHz to 1.7GHz
700MHz to 1.5GHz
LTC5591
1.3GHz to 2.3GHz
1.4GHz to 2.1GHz
LTC5592
1.6GHz to 2.7GHz
1.7GHz to 2.5GHz
LTC5593
2.3GHz to 4.5GHz
2.1GHz to 4.2GHz
Wideband Conversion Gain
and IIP3 vs IF Frequency
IF FREQUENCY (MHz)
160
6
7
9
10
11
13
14
12
170
190
5592 TA01b
8
180
200
210
220
21
23
25
27
28
29
22
24
26
LO = 2160MHz
PLO = 0dBm
RF = 2350 ±30MHz
TEST CIRCUIT IN FIGURE 1
GC
IIP3
LTC5592 ONLY, MEASURED ON EVALUATION BOARD


Similar Part No. - LTC5592

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5592 LINER-LTC5592 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5592 LINER-LTC5592_15 Datasheet
414Kb / 20P
   Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
More results

Similar Description - LTC5592

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5592 LINER-LTC5592_15 Datasheet
414Kb / 20P
   Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5542 LINER-LTC5542 Datasheet
66Kb / 2P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5590 LINER-LTC5590_15 Datasheet
376Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5590 LINER-LTC5590 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5591 LINER-LTC5591_15 Datasheet
342Kb / 20P
   Dual 1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5593 LINER-LTC5593_15 Datasheet
476Kb / 28P
   Dual 2.3GHz to 4.5GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5540 LINER-LTC5540_15 Datasheet
303Kb / 16P
   600MHz to 1.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541_09 Datasheet
249Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com