Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP212L100-22 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # FP212L100-22
Description  Differential Magnetoresistive Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

FP212L100-22 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  FP212L100-22 Datasheet HTML 1Page - Siemens Semiconductor Group FP212L100-22 Datasheet HTML 2Page - Siemens Semiconductor Group FP212L100-22 Datasheet HTML 3Page - Siemens Semiconductor Group FP212L100-22 Datasheet HTML 4Page - Siemens Semiconductor Group FP212L100-22 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
FP 212 L 100-22
Maximum ratings
Characteristics (
T
A = 25 °C)
Measuring arrangements
By approaching a soft iron part close to the sensor a change in its resistance is obtained.
The potential divider circuit of the magneto resistor causes a reduction in the
temperature dependence of the output voltage
V
OUT.
Parameter
Symbol
Value
Unit
Operating temperature
T
A
– 40 / + 140
°C
Storage temperature
T
stg
– 40 / + 150
°C
Power dissipation1)
P
tot
450
mW
Supply voltage2)
V
IN
10
V
Insulation voltage between
terminals and magnet
V
I
> 60
V
Thermal conductivity
(when soldered)
G
thA
≥ 5
mW/K
Nominal supply voltage
V
IN N
5V
Total resistance, (
δ = ∞, I ≤ 1 mA)
R
1-3
220
…400
Center symmetry3) (
δ = ∞)M
≤ 10
%
Offset voltage4)
(at
V
IN N and δ = ∞)
V
0
≤ 130
mV
Open circuit output voltage5)
(
V
IN N and δ = 0.2 mm)
V
out pp
> 1000
mV
Cut-off frequency
f
c
> 20
kHz
1) Corresponding to diagram
Ptot = f(TA)
2) Corresponding to diagram
VIN = f(TA)
3)
4) Corresponding to measuring circuit in Fig. 2
5) Corresponding to measuring circuit in Fig. 2 and arrangement as shown in Fig. 1
M
R
12
R
23
----------------------------
=
× 100% for R
1-2 > R2-3
R
12


Similar Part No. - FP212L100-22

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP212 SANYO-FP212 Datasheet
162Kb / 4P
   High-Voltage Driver Applications
logo
Siemens Semiconductor G...
FP212D250-22 SIEMENS-FP212D250-22 Datasheet
222Kb / 5P
   Differential Magnetoresistive Sensor
More results

Similar Description - FP212L100-22

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
FP210D250-22 SIEMENS-FP210D250-22 Datasheet
220Kb / 5P
   Differential Magnetoresistive Sensor
FP212D250-22 SIEMENS-FP212D250-22 Datasheet
222Kb / 5P
   Differential Magnetoresistive Sensor
FP201L100 SIEMENS-FP201L100 Datasheet
170Kb / 5P
   Differential Magnetoresistive Sensor
FP210L100-22 SIEMENS-FP210L100-22 Datasheet
216Kb / 5P
   Differential Magnetoresistive Sensor
logo
Infineon Technologies A...
FP210L100-22 INFINEON-FP210L100-22 Datasheet
153Kb / 5P
   Differential Magnetoresistive Sensor
2000-07-01
FP210D250-22 INFINEON-FP210D250-22 Datasheet
163Kb / 5P
   Differential Magnetoresistive Sensor
1999-04-01
logo
Honeywell Solid State E...
32304118 HONEYWELL-32304118 Datasheet
623Kb / 8P
   Magnetoresistive Sensor ICs
logo
Honeywell Accelerometer...
SM351LT HONEYWELL-ACC-SM351LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
SM353LT HONEYWELL-ACC-SM353LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
logo
Asahi Kasei Microsystem...
MS0083 AKM-MS0083 Datasheet
460Kb / 8P
   Semiconductor Magnetoresistive Element
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com