Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB105S Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # DB105S
Description  SINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

DB105S Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  DB105S Datasheet HTML 1Page - WILLAS ELECTRONIC CORP DB105S Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( DB101S THRU DB107S )
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
TJ = 25
0
20
40
60
80
100
120
140
10
1.0
0.1
.01
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
(JEDED Method)
SURGE CURRENT
60
50
40
30
20
10
0
0
2
4
6
10
20
40
60
100
FIG. 2 - TYPICAL FORWARD CURRENT
AMBIENT TEMPERATURE, (
)
Single Phase Half Wave
60Hz Inductive or
Resistive Load
DERATING CURVE
1.0
.5
0
20
40
60
80
100
120
140
160
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
Pulse Width = 300us
1% Duty Cycle
10
1.0
0.1
.01
.4
.6
.8
1.0
1.2
1.4
TJ = 25
WILLAS ELECTRONIC CORP.


Similar Part No. - DB105S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB105S RECTRON-DB105S Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Suntan Capacitors
DB105S SUNTAN-DB105S Datasheet
390Kb / 2P
   Ideal for printed circuit board
logo
RFE international
DB105S RFE-DB105S Datasheet
230Kb / 2P
   BRIDGE RECTIFIERS 0.8 to 1.5 Amps
logo
Jinan Jingheng (Group) ...
DB105S JINANJINGHENG-DB105S Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
logo
RFE international
DB105S RFE-DB105S Datasheet
1Mb / 3P
   Bridge Rectifiers
01-MAR-2023
More results

Similar Description - DB105S

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
DB151S-2S-DB-S YFWDIODE-DB151S-2S-DB-S Datasheet
522Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Continental Device Indi...
DF005S CDIL-DF005S Datasheet
144Kb / 3P
   SINGLE PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Suntan Capacitors
DB151S SUNTAN-DB151S Datasheet
219Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB101S-DB-S YFWDIODE-DB101S-DB-S Datasheet
531Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
E92205A GOOD-ARK-E92205A Datasheet
251Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92207A GOOD-ARK-E92207A Datasheet
239Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92305A GOOD-ARK-E92305A Datasheet
241Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91205A GOOD-ARK-E91205A Datasheet
375Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91207R GOOD-ARK-E91207R Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91209A GOOD-ARK-E91209A Datasheet
371Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com