Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4738A Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # 1N4738A
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

1N4738A Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  1N4738A Datasheet HTML 1Page - WILLAS ELECTRONIC CORP 1N4738A Datasheet HTML 2Page - WILLAS ELECTRONIC CORP 1N4738A Datasheet HTML 3Page - WILLAS ELECTRONIC CORP 1N4738A Datasheet HTML 4Page - WILLAS ELECTRONIC CORP 1N4738A Datasheet HTML 5Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
1N4728A~1N4764A
FEATURES
• Low profile package
• Built-in strain relief
• Low inductance
• High temperature soldering : 260°C /10 seconds at terminals
MECHANICALDATA
• Case: Molded Glass DO-41G
• Terminals: Axial leads, solderable per MIL-STD-202,
• Method 208 guaranteed
• Polarity: Color band denotes positive end
• Mounting position:Any
• Weight: 0.012 ounce, 0.3 gram
• Packing information
T/B - 2.5K per horiz. tape & Ammo box
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
3.3 to 100 Volts
1.0 Watts
POWER
VOLTAGE
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S
e
u
l
a
Vs
ti
n
U
5
2
=
b
m
a
T
t
a
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
O
C
PTOT
*
1W
TJ
O
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TSTG
0
5
1
+
o
t
5
5
-
O
C
.
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
a
t
a
t
p
e
k
e
r
a
e
s
a
c
m
o
rf
m
m
0
1
f
o
e
c
n
a
t
s
i
d
a
t
a
s
d
a
e
l
t
a
h
t
d
e
d
iv
o
r
p
d
il
a
V
*
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S.
n
i
M.
p
y
T
.
x
a
Ms
ti
n
U
ri
A
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
Rh
tA
-
-
-
-
*
0
7
1W
/
K
A
m
0
0
2
=
F
I
t
a
e
g
a
tl
o
V
d
r
a
w
r
o
F
VF
-
-
-
-
2
.
1V
.
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
a
t
a
t
p
e
k
e
r
a
e
s
a
c
m
o
rf
m
m
0
1
f
o
e
c
n
a
t
s
i
d
a
t
a
s
d
a
e
l
t
a
h
t
d
e
d
i
v
o
r
p
d
il
a
V
*
Operating Junction Temperature
0
5
1
+
o
t
5
5
-
.107(2.70)
.080(2.00)
.031(0.78)
.026(0.65)
WILLAS
Unit:millimeters
DO-41G
SCS501V
VOLTAGE 40V
0.1AMP Schottky Barrier Rectifiers
FEATURES
* Extremely Low VF
* Extremely thin package
* Low stored charge
* Majority carrier conduction
* Case:Molded plastic, JEDEC SOD-323(SC-76)
* Terminal : Solder plated, solderable per MIL-STD-750,
Method 2026
* Polarity : Indicated by cathode band
* Mounting Position : Any
* Weight : 0.000159 ounce, 0.0045 gram
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS
Rating 25
oC ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
Symbol
Min.
Typ.
Max.
Unit
VRM
45
V
VR
40
V
I F = 10mA DC
F1
V
V
VR = 10V DC
IR
0.55
0.34
µ A
IO
30
A
A
TJ
oC
TSTG
oC
1
Continuous Reverse Voltage
Parameter
Forward Voltage
IFSM
Operating Temperature
Mean Rectifying Current
Conditions
Repetitive Peak Reverse Voltage
Storage Temperature
Reverse Current
V
F2
V
I F = 100mA DC
0.1
125
Peak forward surge current
Capacitance between terminals
CT
6.0
pF
-40
SOD-323(SC-76)
Marking Code: JV or 4
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
+125
MECHANICAL DATA
Pb Free Product
2004.12


Similar Part No. - 1N4738A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N4738A SECOS-1N4738A Datasheet
149Kb / 2P
   ZENER DIODES
logo
NXP Semiconductors
1N4738A PHILIPS-1N4738A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4738A VISHAY-1N4738A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
1N4738A VISHAY-1N4738A Datasheet
77Kb / 4P
   Zener Diodes
Rev. 2.2, 08-Dec-11
logo
List of Unclassifed Man...
1N4738A ETC1-1N4738A Datasheet
16Kb / 1P
   Zener Diodes
More results

Similar Description - 1N4738A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A_1 Datasheet
1Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Transys Electronics
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com