Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE11A Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # 1.5KE11A
Description  REVERSE VOLTAGE 6.8 to 600 Volts PEAK PULSE POWER 1500 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

1.5KE11A Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  1.5KE11A Datasheet HTML 1Page - WILLAS ELECTRONIC CORP 1.5KE11A Datasheet HTML 2Page - WILLAS ELECTRONIC CORP 1.5KE11A Datasheet HTML 3Page - WILLAS ELECTRONIC CORP 1.5KE11A Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
TVS
1.5KE
SERIES
Pb Free Product
Case: Molded plastic, 1.5KE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
WILLAS ELECTRONIC CORP.
2011-05
WILLAS
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
*
*
*
*
*
Lead:MIL-STD-202E method 208C guaranteed
Mounting position: Any
Epoxy: UL 94V-O rate flame retardant
GPP TRANSIENT VOLTAGE SUPPRESSOR
PEAK PULSE POWER 1500 WATTS
REVERSE VOLTAGE 6.8 to 600 Volts
Excellent clamping capability
Glass passivated chip
Low leakage
Uni and Bidirectional unit
1500 W peak pulse power capability
with a 10/1000μs waveform, repetitive
rate (duty cycle):0.01 %
* Very fast response time
* RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
.210 (5.3)
.190 (4.8)
DIA.
.042 (1.10)
.037 (0.90)
DIA.
1.0 (25.4)
MIN.
.335 (8.5)
.375 (9.5)
1.0 (25.4)
MIN.
1.5KE
UNIT
L
O
B
M
Y
S
Parameter
Peak power dissipation with a 10/1000μs waveform
Peak pulse current wih a 10/1000μs waveform
Power dissipation on infinite heatsink at T
Peak forward surge current, 8.3 ms single half sine-
L
= 75 °C
wave unidirectional only(1)
Maximum instantaneous forward voltage at 25 A for
unidirectional only (2)
Operating junction and storage temperature range
PPP
IPP
P D
IFSM
VF
TJ , TSTG
6.5
200
3.5/5.0
See Next Table
–55 to +150
Minimum 1500
Watts
Amps.
Volts
Watts
Amps.
Note:
(1) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
(2) VF= 3.5V on 1.5KE6.8A thru 1.5KE200A devices and VF= 5.0V on 1.5KE220A thru 1.5KE600A devices.
VALUE
.210 (5.3)
.190 (4.8)
DIA.
.042 (1.10)
.037 (0.90)
DIA.
1.0 (25.4)
MIN.
.335 (8.5)
.375 (9.5)
1.0 (25.4)
MIN.
UNI-POLAR
BI-POLAR


Similar Part No. - 1.5KE11A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1.5KE11A NJSEMI-1.5KE11A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
1.5KE11A JINGHENG-1.5KE11A Datasheet
132Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
1.5KE11A TRSYS-1.5KE11A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE11A NJSEMI-1.5KE11A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
1.5KE11A GWSEMI-1.5KE11A Datasheet
178Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1.5KE11A

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
P6SMB CHENDA-P6SMB Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
Nanjing International G...
1.5KE DGNJDZ-1.5KE Datasheet
334Kb / 4P
   6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State
logo
E-CMOS Corporation
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
   Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
logo
Shenzhen Luguang Electr...
1N6267 LUGUANG-1N6267 Datasheet
191Kb / 4P
   BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W
logo
Microdiode Electronics ...
P6KE6.8 CHENDA-P6KE6.8 Datasheet
839Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
logo
DB Lectro Inc
1.5SMC DBLECTRO-1.5SMC Datasheet
208Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 91 Volts 1500 Watts Peak Power
logo
Gaomi Xinghe Electronic...
SMAJ5.0 GXELECTRONICS-SMAJ5.0 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR Reverse Voltage - 5.0 to 170 Volts PEAK PULSE POWER-300 WATTS
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
logo
Comchip Technology
TV15C5V0-171 COMCHIP-TV15C5V0-171 Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
logo
Pan Jit International I...
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com