Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS82677 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82677
Description  600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82677 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS82677 Datasheet HTML 3Page - Texas Instruments TPS82677 Datasheet HTML 4Page - Texas Instruments TPS82677 Datasheet HTML 5Page - Texas Instruments TPS82677 Datasheet HTML 6Page - Texas Instruments TPS82677 Datasheet HTML 7Page - Texas Instruments TPS82677 Datasheet HTML 8Page - Texas Instruments TPS82677 Datasheet HTML 9Page - Texas Instruments TPS82677 Datasheet HTML 10Page - Texas Instruments TPS82677 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
94
92
90
88
86
84
82
80
78
76
74
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7
V - Input Voltage - V
I
I = 300 mA
O
I = 100 mA
O
I = 10 mA
O
I = 1 mA
O
V = 1.8 V
PFM/PWM Operation
O
30
28
26
24
22
20
18
16
14
12
10
8
6
4
2
0
0
20
40
60
80
100 120 140 160 180 200
I - Load Current - mA
O
V = 1.8 V (TPS82671)
O
V = 2.7 V
I
V = 4.5 V
I
V = 3.6 V
I
PFM/PWM Operation
26
24
22
20
18
16
14
12
10
8
6
4
2
0
0
20
40
60
80
100 120 140 160 180 200
I - Load Current - mA
O
V = 2.7 V
I
V = 4.5 V
I
V = 3.6 V
I
PFM/PWM Operation
V = 1.2 V (TPS82675)
O
0
25
50
75 100 125 150 175 200 225 250 275 300
I
- Load Current - mA
O
0
5
10
15
20
25
30
35
40
45
V = 2.7 V
I
V = 3.6 V
I
V = 4.5 V
I
V
= 1.2 V (TPS82677)
O
TPS82671, TPS82672, TPS82675
TPS82676, TPS82677
www.ti.com
SLVSAI0C
– OCTOBER 2010 – REVISED NOVEMBER 2011
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
vs
vs
INPUT VOLTAGE
LOAD CURRENT
Figure 5.
Figure 6.
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 7.
Figure 8.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS82671 TPS82672 TPS82675 TPS82676 TPS82677


Similar Part No. - TPS82677

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82677 TI1-TPS82677 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82677 TI1-TPS82677 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82677 TI-TPS82677 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82677 TI1-TPS82677 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82677 TI1-TPS82677 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
More results

Similar Description - TPS82677

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com