Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL1001ZITR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EL1001ZITR
Description  LASER DIODE DRIVER WITH INPUT D FLIP-FLOP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL1001ZITR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EL1001ZITR Datasheet HTML 1Page - Micrel Semiconductor SY100EL1001ZITR Datasheet HTML 2Page - Micrel Semiconductor SY100EL1001ZITR Datasheet HTML 3Page - Micrel Semiconductor SY100EL1001ZITR Datasheet HTML 4Page - Micrel Semiconductor SY100EL1001ZITR Datasheet HTML 5Page - Micrel Semiconductor SY100EL1001ZITR Datasheet HTML 6Page - Micrel Semiconductor SY100EL1001ZITR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
SY100EL1001
Micrel, Inc.
M9999-031306
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY100EL1001ZC
Z16-2
Commercial
SY100EL1001ZC
Sn-Pb
SY100EL1001ZCTR(2)
Z16-2
Commercial
SY100EL1001ZC
Sn-Pb
SY100EL1001ZI
Z16-2
Industrial
SY100EL1001ZI
Sn-Pb
SY100EL1001ZITR(2)
Z16-2
Industrial
SY100EL1001ZI
Sn-Pb
SY100EL1001ZG(3)
Z16-2
Industrial
SY100EL1001ZG with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EL1001ZGTR(2, 3)
Z16-2
Industrial
SY100EL1001ZG with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
NC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
CLK
CLK
RSET
VCCO
D
D
MR
VCC
NC
MC
OUT
OUT
VBB
NC
VEE
Top View
SOIC
Z16-2
16-Pin Narrow SOIC (Z16-2)
D
/D
CLK
/CLK
MR
OUT
/OUT
LH
Z
ZZ
L
H
L
HL
Z
ZZ
L
L
H
XXXX
H
H
L
Note:
1. L = LOW, H = HIGH, Z = LOW-to-HIGH transition,
ZZ = HIGH-to-LOW transition, X = don't care.
Pin
Function
V
CC, VCCO
Most positive power supply pins separation helps
to isolate sensitive circuitry from noise
generating function. +5V for PECL operation
or ground for ECL operation.
V
EE
Most negative power supply input. Ground
for PECL operation or -5V for ECL operation.
V
BB
This pin provides a reference voltage for use
in single ended applications or when the
input signal is AC coupled into the device.
D,/D
These differential ECL/PECL 100K
compatible inputs receive NRZ data.
CLK, /CLK
These differential clock inputs
MR
This ECL/PECL 100K compatible input resets
the Laser Driver Logic - modulation current
transitions to zero when asserted high.
OUT, /OUT
Open collector outputs from the modulation
buffer drive these differential current outputs.
MC
An external voltage sets the main value of
modulation current I
O.
R
SET
An external resistor sets the source current
for modulation Imod.
NC
These pins are not connected.
PIN NAMES
TRUTH TABLE(1)


Similar Part No. - SY100EL1001ZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL1001ZC MICREL-SY100EL1001ZC Datasheet
92Kb / 6P
   LASER DIODE DRIVER WITH INPUT D FLIP-FLOP
SY100EL1001ZCTR MICREL-SY100EL1001ZCTR Datasheet
92Kb / 6P
   LASER DIODE DRIVER WITH INPUT D FLIP-FLOP
More results

Similar Description - SY100EL1001ZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL1001 MICREL-SY100EL1001 Datasheet
92Kb / 6P
   LASER DIODE DRIVER WITH INPUT D FLIP-FLOP
logo
Mitsubishi Electric Sem...
M81016P MITSUBISHI-M81016P Datasheet
110Kb / 8P
   OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
Mitsubishi Electric Sem...
M81016P MITSUBISHI-M81016P_09 Datasheet
114Kb / 8P
   OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
M81049P MITSUBISHI-M81049P Datasheet
116Kb / 8P
   OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
logo
Renesas Technology Corp
RD15LD74AP RENESAS-RD15LD74AP Datasheet
147Kb / 10P
   8-bit D-type Flip-Flop Driver (with Clear)
logo
Micrel Semiconductor
SY55852U MICREL-SY55852U Datasheet
54Kb / 7P
   D FLIP-FLOP
logo
Eudyna Devices Inc
F0510203B EUDYNA-F0510203B Datasheet
91Kb / 8P
   1.5Gbps Laser Diode Driver With Input Bias Circuit
logo
Micrel Semiconductor
SY55852U MICREL-SY55852U_07 Datasheet
56Kb / 7P
   D FLIP-FLOP
logo
Texas Instruments
CD74AC175 TI-CD74AC175 Datasheet
35Kb / 7P
[Old version datasheet]   Quad D Flip-Flop with Reset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com