Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100ELT982KI Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY100ELT982KI
Description  PECL-TO-CML TRANSLATOR WITH OUTPUT ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100ELT982KI Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY100ELT982KI Datasheet HTML 1Page - Micrel Semiconductor SY100ELT982KI Datasheet HTML 2Page - Micrel Semiconductor SY100ELT982KI Datasheet HTML 3Page - Micrel Semiconductor SY100ELT982KI Datasheet HTML 4Page - Micrel Semiconductor SY100ELT982KI Datasheet HTML 5Page - Micrel Semiconductor SY100ELT982KI Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
SY100ELT982
Micrel, Inc.
M9999-031506
hbwhelp@micrel.com or (408) 955-1690
APPLICATION EXAMPLE
PERFORMANCE CURVES
10
20
25
30
IO and RSET
0.0
0.0
15
5
4.0K
6.0K
8.0K
10K
2.0K
RSET
(ohm)
12K
VCC
50
DIN
DIN
50
50
50
coaxil
SY100ELT982
EN
VRET
RSET
50
coaxil
Logic LOW
to enable
1.5K
Typical
CML
INPUT
DEVICE
Ex. EL16V


Similar Part No. - SY100ELT982KI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100ELT982KC MICREL-SY100ELT982KC Datasheet
60Kb / 5P
   PECL-TO-CML TRANSLATOR w/o ENABLE
More results

Similar Description - SY100ELT982KI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100ELT982 MICREL-SY100ELT982 Datasheet
60Kb / 5P
   PECL-TO-CML TRANSLATOR w/o ENABLE
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
Abracon Corporation
ABB3005 ABRACON-ABB3005 Datasheet
87Kb / 4P
   High Speed Translator Buffer to PECL (Enable Low)
logo
PhaseLink Corporation
PLL130-05 PLL-PLL130-05 Datasheet
208Kb / 4P
   High Speed Translator Buffer to PECL (Enable Low)
logo
Micrel Semiconductor
SY89325V MICREL-SY89325V Datasheet
514Kb / 7P
   3.3V/5V 1.5Gbps DIFFERENTIAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H842 MICREL-SY10H842 Datasheet
81Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842 MICREL-SY10H842_06 Datasheet
68Kb / 7P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com