Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEB4065 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # FEB4065
Description  High Voltage Subscriber Line IC HV-SLIC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

FEB4065 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  FEB4065 Datasheet HTML 1Page - Siemens Semiconductor Group FEB4065 Datasheet HTML 2Page - Siemens Semiconductor Group FEB4065 Datasheet HTML 3Page - Siemens Semiconductor Group FEB4065 Datasheet HTML 4Page - Siemens Semiconductor Group FEB4065 Datasheet HTML 5Page - Siemens Semiconductor Group FEB4065 Datasheet HTML 6Page - Siemens Semiconductor Group FEB4065 Datasheet HTML 7Page - Siemens Semiconductor Group FEB4065 Datasheet HTML 8Page - Siemens Semiconductor Group FEB4065 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
PEB/F 4065
Overview
Semiconductor Group
5
1998-03-01
1.2
Functional Description
Figure 1
Block Diagram
The PEB 4065 supports AC and DC control loops based on feeding a voltage
V
ab to the
line and sensing the transversal line current
I
ab (Figure 2).
It converts a unipolar input voltage
V
2W into a differential output voltage Vab with an AC
receiving gain of
Gr = V
abAC/V2WAC = 40.
This is accomplished by converting the input voltage to a current which is used to
transpose the low voltage signals of the interface to the high voltage line feeding section.
This current is reconverted to two voltages of opposite phase which are referenced to
the positive and negative supply voltage, respectively. Thus the differential DC
line-voltage in all normal polarity modes except ringing is related to the input voltage by
V
abDC = VBAT VHINT + Vfix –40 × V2WDC
V
BAT
negative battery voltage
V
HINT
internal positive supply voltage
V
fix
internal voltage drop of supply filter (appr. 2 V).
Depending on the operation mode,
V
HINT is switched either to VH (VHINT = VH –1 V) or to
BGND (
V
HINT = – 0.5 V) via the supply switch.
ITB10371
Buffer
Buffer
Current sensor
Differential
Supply
Control
V/I Converter
Reference
Switch
I/V-Converter
Supply
C1
C2
V
PDN
2W
AGND
BAT
VV
BIM
SS
V
DD
V
RING
TIP
V
ab
BGND
HINT
V
a
Ι
Ι
b
V
BAT
V
H
Ι
TL
Ι


Similar Part No. - FEB4065

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FEB388 FAIRCHILD-FEB388 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
FEBFL7701 FAIRCHILD-FEBFL7701 Datasheet
2Mb / 24P
   2.4W LED Ballast Using FL7701
FEBFL7701_L30U003A FAIRCHILD-FEBFL7701_L30U003A Datasheet
2Mb / 24P
   2.4W LED Ballast Using FL7701
FEBFL7730 FAIRCHILD-FEBFL7730 Datasheet
1Mb / 24P
   Dimmable LED Bulb at Low Line
FEBSPM3SPM45_M01MTCA FAIRCHILD-FEBSPM3SPM45_M01MTCA Datasheet
1Mb / 28P
   FEBSPM3SPM45-M01MTCA Motion SPM3 45H Evaluation Board
More results

Similar Description - FEB4065

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB4065 SIEMENS-PEB4065 Datasheet
237Kb / 29P
   High Voltage Subscriber Line IC
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
   SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5509A1 INTERSIL-HC-5509A1 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
   SLIC Subscriber Line Interface Circuit
March 1996
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC5509A1R3060 INTERSIL-HC5509A1R3060 Datasheet
61Kb / 10P
   SLIC Subscriber Line Interface Circuit
June 1997
logo
Gunter Seniconductor Gm...
TFB3869 GSG-TFB3869 Datasheet
136Kb / 14P
   Subscriber Line Interface Circuit (SLIC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com