Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP196VTGTR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY100EP196VTGTR
Description  3.3V/5V 2.5GHz PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP196VTGTR Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY100EP196VTGTR Datasheet HTML 4Page - Micrel Semiconductor SY100EP196VTGTR Datasheet HTML 5Page - Micrel Semiconductor SY100EP196VTGTR Datasheet HTML 6Page - Micrel Semiconductor SY100EP196VTGTR Datasheet HTML 7Page - Micrel Semiconductor SY100EP196VTGTR Datasheet HTML 8Page - Micrel Semiconductor SY100EP196VTGTR Datasheet HTML 9Page - Micrel Semiconductor SY100EP196VTGTR Datasheet HTML 10Page - Micrel Semiconductor SY100EP196VTGTR Datasheet HTML 11Page - Micrel Semiconductor SY100EP196VTGTR Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
ECL Pro®
SY100EP196V
Micrel, Inc.
M9999-072706
hbwhelp@micrel.com or (408) 955-1690
TYPICAL OPERATING CHARACTERISTICS
0
100
200
300
400
500
600
700
800
0
500 1000 1500 2000 2500 3000
FREQUENCY (MHz)
Q, /Q Output Swing
vs. Frequency
0
20
40
60
80
100
120
140
160
180
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Supply Current
vs. Temperature
V
CC = 5.5V
V
CC = 5.0V
V
CC = 3.3V
V
CC = 3.0V
-25
-20
-15
-10
-5
0
5
10
15
0
0.5
1
1.5
2
2.5
3
3.5
FTUNE VOLTAGE (V)
Propagation Delay
vs. FTUNE Voltage
–40
85
25


Similar Part No. - SY100EP196VTGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP196VTGTR MICREL-SY100EP196VTGTR Datasheet
619Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
More results

Similar Description - SY100EP196VTGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP196V MICREL-SY100EP196V Datasheet
619Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
SY100EP195V MICREL-SY100EP195V_06 Datasheet
709Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY
SY100EP195V MICREL-SY100EP195V Datasheet
234Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY CHIP
SY89296U MICREL-SY89296U Datasheet
618Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
logo
ON Semiconductor
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196 ONSEMI-MC100EP196_14 Datasheet
151Kb / 19P
   3.3V ECL Programmable Delay Chip with FTUNE
June, 2014 ??Rev. 16
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com