Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP195VTG Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY100EP195VTG
Description  3.3V/5V 2.5GHz PROGRAMMABLE DELAY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP195VTG Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY100EP195VTG Datasheet HTML 1Page - Micrel Semiconductor SY100EP195VTG Datasheet HTML 2Page - Micrel Semiconductor SY100EP195VTG Datasheet HTML 3Page - Micrel Semiconductor SY100EP195VTG Datasheet HTML 4Page - Micrel Semiconductor SY100EP195VTG Datasheet HTML 5Page - Micrel Semiconductor SY100EP195VTG Datasheet HTML 6Page - Micrel Semiconductor SY100EP195VTG Datasheet HTML 7Page - Micrel Semiconductor SY100EP195VTG Datasheet HTML 8Page - Micrel Semiconductor SY100EP195VTG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
ECL Pro®
SY100EP195V
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
VCC = 3.3V, VEE = 0V; TA = –40°C to +85°C.
(5, 6)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
Figures 2, 3, 6
2155
2280
2405
mV
VOL
Output LOW Voltage
Figures 2, 3, 6
1355
1480
1605
mV
VIH
Input HIGH Voltage
Figures 1, 4
PECL
2075
2420
mV
CMOS
1815
mV
TTL
2000
mV
VIL
Input LOW Voltage
Figures 1, 4
PECL
1355
1675
mV
CMOS
1485
mV
TTL
800
mV
VBB
Output Voltage Reference
1775
1875
1975
mV
VCF
Input Select Voltage
1610
1720
1825
mV
VEF
Mode Connection
1900
2000
2100
mV
VIHCMR
Input HIGH Voltage Common
Figure 5
2.0
3.3
V
Mode Range(7)
IIH
Input HIGH Current
150
µA
IIL
Input LOW Current
IN
0.5
µA
/IN
–150
µA
Notes:
5. Device is guaranteed to meet the DC specifications, shown in the table below, after thermal equilibrium has been established. The device is tested in
a socket such that transverse airflow of ≥ 500lfpm is maintained.
6. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3V to –2.2V.
7. VIHCMR maximum varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
LVPECL DC ELECTRICAL CHARACTERISTICS (100kEP)


Similar Part No. - SY100EP195VTG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP195VTI MICREL-SY100EP195VTI Datasheet
234Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY CHIP
SY100EP195VTITR MICREL-SY100EP195VTITR Datasheet
234Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY CHIP
More results

Similar Description - SY100EP195VTG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP195V MICREL-SY100EP195V Datasheet
234Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY CHIP
SY100EP196V_0607 MICREL-SY100EP196V_0607 Datasheet
640Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
SY100EP196V MICREL-SY100EP196V Datasheet
619Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
logo
ON Semiconductor
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
logo
Micrel Semiconductor
SY89306 MICREL-SY89306_06 Datasheet
53Kb / 6P
   3.3V/5V 2.5GHz PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
logo
ON Semiconductor
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com