Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP210UTCTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EP210UTCTR
Description  2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP210UTCTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EP210UTCTR Datasheet HTML 1Page - Micrel Semiconductor SY100EP210UTCTR Datasheet HTML 2Page - Micrel Semiconductor SY100EP210UTCTR Datasheet HTML 3Page - Micrel Semiconductor SY100EP210UTCTR Datasheet HTML 4Page - Micrel Semiconductor SY100EP210UTCTR Datasheet HTML 5Page - Micrel Semiconductor SY100EP210UTCTR Datasheet HTML 6Page - Micrel Semiconductor SY100EP210UTCTR Datasheet HTML 7Page - Micrel Semiconductor SY100EP210UTCTR Datasheet HTML 8Page - Micrel Semiconductor SY100EP210UTCTR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Precision Edge®
SY100EP210U
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
CLKa, /CLKa
LVPECL, LVECL, HSTL Clock Input: CLKa input includes a 75kΩ pull-down. Default is LOW if left floating.
/CLKa includes both pull-up and pull-down resistors. Default condition is VCC/2.
CLKb, /CLKb
LVPECL, LVECL, HSTL Clock Input: CLKb input includes a 75kΩ pull-down. Default is LOW if left floating.
/CLKb includes both pull-up and pull-down resistors. Default condition is VCC/2.
Qn0:4, /Qn0:4
LVPECL or LVECL Outputs: Terminate to VCC–2V. (see “Termination” section)
V
BB
Reference Voltage for Single-Ended Inputs: It provides the switching reference for the input differential amplifier.
When used, bypass with a 0.0µF capacitor to the most positive reference (usually VCC) as shown in Figure 3.
V
CC
Positive Power Supply: For LVPECL operation, connect VCC to 3.3V or 2.5V. For LVECL operation, connect to
GND. Bypass with 0.1µF//0.01µF low ESR capacitors.
V
EE
Negative Power Supply: For LVPECL operation, connect to GND. For LVECL operation, connect to –3.3V or
–2.5V.
PIN NAMES
PACKAGE/ORDERING INFORMATION
32-Pin TQFP (T32-1)
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY100EP210UTC
T32-1
Commercial
XEP210U
Sn-Pb
SY100EP210UTCTR(2)
T32-1
Commercial
XEP210U
Sn-Pb
SY100EP210UTG(3)
T32-1
Industrial
XEP210U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EP210UTGTR(2, 3)
T32-1
Industrial
XEP210U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
32 31 30 29 28 27 26 25
9
1011 12 131415 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VCC
NC
CLKa
/CLKa
VBB
CLKb
/CLKb
VEE
Qa3
/Qa3
Qa4
/Qa4
Qb0
/Qb0
Qb1
/Qb1
Top View
TQFP
T32-1


Similar Part No. - SY100EP210UTCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
SY100EP111U MICREL-SY100EP111U Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
SY100EP111UTG MICREL-SY100EP111UTG Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
SY100EP111UTGTR MICREL-SY100EP111UTGTR Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
SY100EP111UTGTX MICREL-SY100EP111UTGTX Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results

Similar Description - SY100EP210UTCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
Maxim Integrated Produc...
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
logo
Micrel Semiconductor
SY100EP14AU MICREL-SY100EP14AU Datasheet
211Kb / 8P
   2.5V/3.3V 1:5 LVPECL/LVECL/HSTL 2GHz Clock Driver With 2:1 Differential Input MUX
logo
Maxim Integrated Produc...
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
   Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
logo
ON Semiconductor
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com