Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EPT22VKI Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EPT22VKI
Description  3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EPT22VKI Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EPT22VKI Datasheet HTML 1Page - Micrel Semiconductor SY100EPT22VKI Datasheet HTML 2Page - Micrel Semiconductor SY100EPT22VKI Datasheet HTML 3Page - Micrel Semiconductor SY100EPT22VKI Datasheet HTML 4Page - Micrel Semiconductor SY100EPT22VKI Datasheet HTML 5Page - Micrel Semiconductor SY100EPT22VKI Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ECL Pro™
SY100EPT22V
Micrel, Inc.
M9999-052108
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY100EPT22VZC
Z8-1
Commercial
XEP22V
Sn-Pb
SY100EPT22VZCTR(2)
Z8-1
Commercial
XEP22V
Sn-Pb
SY100EPT22VKC
K8-1
Commercial
XP22
Sn-Pb
SY100EPT22VKCTR(2)
K8-1
Commercial
XP22
Sn-Pb
SY100EPT22VKI
K8-1
Industrial
XP22
Sn-Pb
SY100EPT22VKITR(2)
K8-1
Industrial
XP22
Sn-Pb
SY100EPT22VZI
Z8-1
Industrial
XEP22V
Sn-Pb
SY100EPT22VZITR(2)
Z8-1
Industrial
XEP22V
Sn-Pb
SY100EPT22VZG(3)
Z8-1
Industrial
XEP22V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EPT22VZGTR(2, 3)
Z8-1
Industrial
XEP22V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EPT22VKG(3)
K8-1
Industrial
XP22 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EPT22VKGTR(2, 3)
K8-1
Industrial
XP22 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
1
Q0
/Q0
Q1
/Q1
8VCC
D0
GND
7
6
5
2
3
4
D1
LVPECL
LVTTL
Available in 8-pin SOIC and
8-pin MSOP


Similar Part No. - SY100EPT22VKI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT22VKC MICREL-SY100EPT22VKC Datasheet
88Kb / 8P
   3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT22VKCTR MICREL-SY100EPT22VKCTR Datasheet
88Kb / 8P
   3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
More results

Similar Description - SY100EPT22VKI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V_09 Datasheet
47Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
SY100EPT22V MICREL-SY100EPT22V Datasheet
88Kb / 8P
   3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY89322V MICREL-SY89322V_06 Datasheet
468Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
List of Unclassifed Man...
T73LVP22 ETC1-T73LVP22 Datasheet
293Kb / 4P
   Dual 3.3V LVTTL/LVCMOS-to-Differential
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
Integrated Device Techn...
ICS853052 IDT-ICS853052 Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_05 Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V Datasheet
87Kb / 8P
   3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
logo
Integrated Circuit Syst...
ICS853052 ICST-ICS853052 Datasheet
232Kb / 13P
   DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Micrel Semiconductor
SY89329V MICREL-SY89329V Datasheet
50Kb / 6P
   3.3V/5V 800MHz LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com