Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S313JZTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S313JZTR
Description  QUAD DRIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S313JZTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S313JZTR Datasheet HTML 1Page - Micrel Semiconductor SY100S313JZTR Datasheet HTML 2Page - Micrel Semiconductor SY100S313JZTR Datasheet HTML 3Page - Micrel Semiconductor SY100S313JZTR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SY100S313
Micrel, Inc.
M9999-042307
hbwhelp@micrel.com or (408) 955-1690
s Max. propagation delay of 800ps
s Enable to Output max. of 950ps
s IEE min. of –60mA
s Extended supply voltage option:
VEE = –4.2V to –5.5V
s Voltage and temperature compensation for
improved noise immunity
s Internal 75k
input pull-down resistors
s 50% faster than Fairchild 300K
s Function and pinout compatible with Fairchild F100K
s Available in 28-pin PLCC package
FEATURES
DESCRIPTION
The SY100S313 offers four drivers with two OR and two
NOR outputs, designed for use in high-performance ECL
systems. The four drivers are controlled by a common
Enable signal which is buffered to minimize input loading.
If the D inputs are not used, the Enable signal can be used
to drive sixteen 50
Ω lines. All inputs have 75kΩ pulldown
resistors and all outputs are buffered.
BLOCK DIAGRAM
QUAD DRIVER
O2a
Da
Db
Dc
Dd
E
O1a
O2a
O1a
O2b
O1b
O2b
O1b
O2c
O1c
O2c
O1c
O2d
O1d
O2d
O1d
SY100S313
Rev.: I
Amendment: /0
Issue Date:
April 2007
Pin
Function
Da – Dd
Data Inputs (n-1...5)
E
Enable Input
Ona – Ond
Data Outputs
Ona – Ond
Complementary Data Outputs
VEES
VEE Substrate
VCCA
VCCO for ECL Outputs
PIN NAMES


Similar Part No. - SY100S313JZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S313JC MICREL-SY100S313JC Datasheet
97Kb / 5P
   QUAD DRIVER
SY100S313JCTR MICREL-SY100S313JCTR Datasheet
97Kb / 5P
   QUAD DRIVER
More results

Similar Description - SY100S313JZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E112 MICREL-SY10E112 Datasheet
62Kb / 4P
   QUAD DRIVER
logo
Hitachi Semiconductor
HA13007 HITACHI-HA13007 Datasheet
93Kb / 5P
   QUAD DRIVER
logo
ON Semiconductor
NCV7601 ONSEMI-NCV7601 Datasheet
55Kb / 8P
   Quad Driver
February, 2003 - Rev. 2
logo
National Semiconductor ...
F100112 NSC-F100112 Datasheet
112Kb / 4P
   Quad Driver
logo
Renesas Technology Corp
ISL35411 RENESAS-ISL35411 Datasheet
845Kb / 12P
   Quad Driver
logo
ON Semiconductor
NCV7601 ONSEMI-NCV7601_06 Datasheet
66Kb / 6P
   Quad Driver
April, 2006 ??Rev. 4
MC10E112 ONSEMI-MC10E112 Datasheet
99Kb / 4P
   QUAD DRIVER
1996 REV 2
logo
Intersil Corporation
ISL35411 INTERSIL-ISL35411 Datasheet
404Kb / 11P
   Quad Driver
logo
Micrel Semiconductor
SY100S313 MICREL-SY100S313 Datasheet
97Kb / 5P
   QUAD DRIVER
logo
ON Semiconductor
MC10192 ONSEMI-MC10192_02 Datasheet
86Kb / 4P
   Quad Bus Driver
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com