Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S314JZTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S314JZTR
Description  QUINT DIFFERENTIAL LINE RECEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S314JZTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S314JZTR Datasheet HTML 1Page - Micrel Semiconductor SY100S314JZTR Datasheet HTML 2Page - Micrel Semiconductor SY100S314JZTR Datasheet HTML 3Page - Micrel Semiconductor SY100S314JZTR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SY100S314
Micrel, Inc.
M9999-060910
hbwhelp@micrel.com or (408) 955-1690
BLOCK DIAGRAM
■ Max.propagationdelayof900ps
■ Differentialoutputs
■ IEEmin.of–60mA
■ Extendedsupplyvoltageoption:
VEE=–4.2Vto–5.5V
■ Voltageandtemperaturecompensationforimproved
noiseimmunity
■ VBBoutputforsingle-endeduse
■MorethantwiceasfastasFairchild
■ FunctionandpinoutcompatiblewithFairchildF100K
■ Availablein28-pinPLCCpackage
FEATURES
DESCRIPTION
The SY100S314 offers five differential line receivers with
emitter follower outputs, designed for use in high-performance
ECL systems. For single-ended operation, the VBB reference
voltage is available. In the single-ended mode, the apparent
input threshold of the true inputs is 30mV higher than the
threshold of the complementary inputs.
Common mode rejection of +1.0V is achieved through the
use of active current sources. If both the true and complement
inputs are at the same potential between VEE and VCC, then
the complementary outputs will take on a logic HIGH state.
Unlike the other members of the Micrel 300K family, the inputs
on this device do not have pull-down resistors.
SY100S314
QUINTDIFFERENTIAL
LINERECEIVER
Pin
Function
Da – De
Data Inputs
Da – De
Inverting Data Inputs
Oa – Oe
Data Outputs
Oa – Oe
Complementary Data Outputs
VEES
VEE Substrate
VCCA
VCCO for ECL Outputs
PINNAMES
Rev.: I
Amendment: /0
Issue Date: June 2010


Similar Part No. - SY100S314JZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S314JZTR MICREL-SY100S314JZTR Datasheet
87Kb / 6P
   QUINT DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SY100S314JZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E416 MICREL-SY10E416_06 Datasheet
62Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY10E416 MICREL-SY10E416 Datasheet
60Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
Semtech Corporation
SK10E116PJ SEMTECH-SK10E116PJ Datasheet
113Kb / 4P
   Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116 Datasheet
72Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10E116 ONSEMI-MC10E116 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 3
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116_06 Datasheet
63Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10E416 ONSEMI-MC10E416 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 2
logo
Micrel Semiconductor
SY100S314 MICREL-SY100S314 Datasheet
97Kb / 5P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
F100114 NSC-F100114 Datasheet
113Kb / 4P
   Quint Differential Line Receiver
logo
Micrel Semiconductor
SY100S314 MICREL-SY100S314_06 Datasheet
87Kb / 6P
   QUINT DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com