Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY56011R Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY56011R
Description  Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY56011R Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY56011R_11 Datasheet HTML 1Page - Micrel Semiconductor SY56011R_11 Datasheet HTML 2Page - Micrel Semiconductor SY56011R_11 Datasheet HTML 3Page - Micrel Semiconductor SY56011R_11 Datasheet HTML 4Page - Micrel Semiconductor SY56011R_11 Datasheet HTML 5Page - Micrel Semiconductor SY56011R_11 Datasheet HTML 6Page - Micrel Semiconductor SY56011R_11 Datasheet HTML 7Page - Micrel Semiconductor SY56011R_11 Datasheet HTML 8Page - Micrel Semiconductor SY56011R_11 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel, Inc.
SY56011R
July 2008
4
M9999-070208-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC) ............................... –0.5V to +3.0V
Supply Voltage (VCCO) ............................. –0.5V to +3.0V
VCC - VCCO ...............................................................<1.8V
VCCO - VCC ...............................................................<0.5V
Input Voltage (VIN) .......................................–0.5V to VCC
CML Output Voltage (VOUT) ......................... 0.6V to 3.0V
Current (VT)
Source or sink on VT pin .............................±100mA
Input Current
Source or sink Current on (IN, /IN) ................±50mA
Maximum operating Junction Temperature .......... 125°C
Lead Temperature (soldering, 20sec.) .................. 260°C
Storage Temperature (Ts) ....................–65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC) ..........................2.375V to 2.625V
(VCCO) ..........................1.14V to 2.625V
Ambient Temperature (TA) ................... –40°C to +85°C
Package Thermal Resistance
(3)
QFN
Still-air (
θ
JA) .................................................. 75°C/W
Junction-to-board (
ψ
JB) ................................ 33°C/W
DC Electrical Characteristics
(4)
TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage Range
VCC
VCCO
VCCO
VCCO
2.375
1.14
1.7
2.375
2.5
1.2
1.8
2.5
2.625
1.26
1.9
2.625
V
V
V
V
ICC
Power Supply Current
Max. VCC
54
75
mA
ICCO
Power Supply Current
No Load. VCCO
32
42
mA
RIN
Input Resistance
(IN-to-VT, /IN-to-VT )
45
50
55
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
VIH
Input HIGH Voltage
(IN, /IN)
IN, /IN
1.42
VCC
V
VIL
Input LOW Voltage
(IN, /IN)
IN, /IN
1.22V = 1.7-0.475
1.22
VIH–0.2
V
VIN
Input Voltage Swing
(IN, /IN)
See Figure 3a, Note 5, applied to
input of transmission line.
0.2
1.0
V
VDIFF_IN
Differential Input Voltage Swing
(|IN - /IN|)
See Figure 3b, Note 5, applied to
input of transmission line.
0.4
2.0
V
VT_IN
Voltage from Input to VT
1.28
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings conditions for
extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device's most negative potential on the PCB.
ψ
JB and θJA
values are determined for a 4-layer board in still-air number, unless otherwise stated.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
5. VIH(max) is specified when VT is floating.


Similar Part No. - SY56011R_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
More results

Similar Description - SY56011R_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020XR MICREL-SY56020XR Datasheet
311Kb / 10P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020R MICREL-SY56020R Datasheet
430Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56028XR MICREL-SY56028XR Datasheet
349Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56017R MICREL-SY56017R Datasheet
502Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
SY56028XR_1009 MICREL-SY56028XR_1009 Datasheet
330Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XR MICREL-SY56572XR Datasheet
356Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XR_1009 MICREL-SY56572XR_1009 Datasheet
336Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56216R MICREL-SY56216R Datasheet
508Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Dual Channel Buffer 4.5GHz/6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com