Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY56034ARMGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY56034ARMGTR
Description  Low Voltage 1.2V/1.8V/2.5V 2:6 MUX with Crosspoint Capability 5GHz/6.4Gbps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY56034ARMGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY56034ARMGTR Datasheet HTML 1Page - Micrel Semiconductor SY56034ARMGTR Datasheet HTML 2Page - Micrel Semiconductor SY56034ARMGTR Datasheet HTML 3Page - Micrel Semiconductor SY56034ARMGTR Datasheet HTML 4Page - Micrel Semiconductor SY56034ARMGTR Datasheet HTML 5Page - Micrel Semiconductor SY56034ARMGTR Datasheet HTML 6Page - Micrel Semiconductor SY56034ARMGTR Datasheet HTML 7Page - Micrel Semiconductor SY56034ARMGTR Datasheet HTML 8Page - Micrel Semiconductor SY56034ARMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
SY56034AR
September 2008
3
M9999-093008-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Function
2,3
6,7
IN0, /IN0
IN1,/IN1
Differential Inputs: These input pairs are the differential signal inputs to the device.
They accept differential signals as small as 100mV (200mVPP). Each input pin
internally terminates with 50
Ω to the VT pin.
1
8
VT0
VT1
Input Termination Center-Tap: Each side of the differential input pair terminates to a
VT pin. This pin provides a center-tap to a termination network for maximum
interface flexibility. An internal high impedance resistor divider biases VT to allow
input AC-coupling. For AC-coupling, bypass VT with a 0.1µF low ESR capacitor to
VCC. See “Interface Applications” subsection and Figure 2a.
4
5
SEL0
SEL1
These single-ended TTL/CMOS-compatible inputs select the inputs to the
crosspoint switch. Note that each of these inputs is internally connected to a 25k
pull-up resistor and will default to a logic HIGH state if left open.
10, 31
VCC
Positive Power Supply: Bypass with 0.1µF//0.01µF low ESR capacitors as close to
the VCC pin as possible. Supplies input and core circuitry.
11,16,18,
23,25,30
VCCO
Output Supply: Bypass with 0.1µF//0.01µF low ESR capacitors as close to the VCCO
pins as possible. Supplies the output buffer.
9,17,24,32
GND,
Exposed pad
Ground: Exposed pad must be connected to a ground plane that is the same
potential as the ground pin.
29,28
27,26
22,21
20,19
15,14
13,12
Q0, /Q0
Q1, /Q1
Q2, /Q2
Q3, /Q3
Q4, /Q4
Q5, /Q5
CML Differential Output Pairs: Differential buffered copy of the selected input signal.
The output swing is typically 390mV. See “Interface Applications” subsection for
termination information. Output pairs Q0 to Q3 belong to Bank 1. Q4 and Q5 belong
to Bank 2.


Similar Part No. - SY56034ARMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56034AR MICREL-SY56034AR Datasheet
385Kb / 13P
   Low Voltage 1.2V/1.8V/2.5V 2:6 MUX with Crosspoint Capability 5GHz/6.4Gbps
More results

Similar Description - SY56034ARMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56034AR MICREL-SY56034AR Datasheet
385Kb / 13P
   Low Voltage 1.2V/1.8V/2.5V 2:6 MUX with Crosspoint Capability 5GHz/6.4Gbps
SY56040AR MICREL-SY56040AR Datasheet
527Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 4x4 Crosspoint Switch 6.4Gbps, 5GHz
SY56017R MICREL-SY56017R Datasheet
502Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
SY56023R MICREL-SY56023R Datasheet
508Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY56023R MICREL-SY56023R_12 Datasheet
499Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY56028XR MICREL-SY56028XR Datasheet
349Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56028XR_1009 MICREL-SY56028XR_1009 Datasheet
330Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XR MICREL-SY56572XR Datasheet
356Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XR_1009 MICREL-SY56572XR_1009 Datasheet
336Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com