Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58011UMG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58011UMG
Description  7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58011UMG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58011UMG Datasheet HTML 1Page - Micrel Semiconductor SY58011UMG Datasheet HTML 2Page - Micrel Semiconductor SY58011UMG Datasheet HTML 3Page - Micrel Semiconductor SY58011UMG Datasheet HTML 4Page - Micrel Semiconductor SY58011UMG Datasheet HTML 5Page - Micrel Semiconductor SY58011UMG Datasheet HTML 6Page - Micrel Semiconductor SY58011UMG Datasheet HTML 7Page - Micrel Semiconductor SY58011UMG Datasheet HTML 8Page - Micrel Semiconductor SY58011UMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
SY58011U
Micrel, Inc.
M9999-110311
hbwhelp@micrel.com or (408) 955-1690
1
DESCRIPTION
- Precision 1:2, 400mV CML fanout buffer
- Low jitter performance:
• 49fsRMS phase jitter (typ)
- Guaranteed AC performance over temperature/
voltage:
• > 7GHz fMAX clock
• < 60ps tr /tf times
• < 250ps tpd
• < 15ps max. skew
- Accepts an input signal as low as 100mV
- Unique input termination and VT pin accepts DC-
coupled and AC-coupled differential
inputs: LVPECL, LVDS, and CML
- 50ohms source terminated CML outputs
- Power supply 2.5V ±5% and 3.3V ±10%
- Industrial temperature range: –40°C to +85°C
- Available in 16-pin (3mm
∗∗∗∗∗ 3mm) QFN package
FEATURES
7GHz, 1:2 CML FANOUT
BUFFER/TRANSLATOR WITH
INTERNAL I/O TERMINATION
Precision Edge®
SY58011U
APPLICATIONS
- All SONET and GigE clock distribution
- Fibre Channel clock and data distribution
- Backplanes
- Data distribution: OC-48, OC-48+FEC, XAUI
- High-end, low skew, multiprocessor synchronous
clock distribution
Rev.: G
Amendment: /0
Issue Date: November 2011
The SY58011U is a 2.5V/3.3V precision, high-speed, fully
differential 1:2 CML fanout buffer. Optimized to provide two
identical output copies with less than 15ps of skew and only
49fsRMS phase jitter, the SY58011U can process clock
signals as fast as 7GHz or data patterns up to 10.7Gbps.
The differential input includes Micrel’s unique, 3-pin input
termination architecture that interfaces to LVPECL, LVDS,
or CML differential signals, (AC-coupled or DC-coupled) as
small as 100mV without any level-shifting or termination
resistor networks in the signal path. For AC-coupled input
interface applications, an on-board output reference voltage
(VREF-AC) is provided to bias the VT pin. The outputs are
compatible with 400mV typical swing into 50ohms loads,
with extremely fast rise/fall times guaranteed to be less than
60ps.
The SY58011U operates from a 2.5V ±5% supply or 3.3V
±10% supply and is guaranteed over the full industrial
temperature range (–40°C to +85°C). For applications that
require LVPECL outputs, consider the SY58012U or
SY58013U 1:2 fanout buffer with 800mV and 400mV output
swing, respectively. The SY58011U is part of Micrel’s high-
speed, Precision Edge® product line. Datasheets and
support documentation can be found on Micrel’s web site at
www.micrel.com.
FUNCTIONAL BLOCK DIAGRAM
TYPICAL PERFORMANCE
Precision Edge is a registered trademark of Micrel, Inc.
IN
/IN
Q1
/Q1
Q0
/Q0
VT
50
Ω
50
Ω
VREF-AC
2GHz Output
TIME (70ps/div.)
VCC = 2.5V
2GHz with 100mV Input
Precision Edge®


Similar Part No. - SY58011UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58011UMG MICREL-SY58011UMG Datasheet
200Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011UMG MICREL-SY58011UMG Datasheet
195Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011UMGTR MICREL-SY58011UMGTR Datasheet
200Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011UMGTR MICREL-SY58011UMGTR Datasheet
195Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
More results

Similar Description - SY58011UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58011U MICREL-SY58011U Datasheet
200Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U_08 Datasheet
195Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58606U MICREL-SY58606U_11 Datasheet
698Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer
logo
Cypress Semiconductor
CY2DM1502 CYPRESS-CY2DM1502 Datasheet
285Kb / 12P
   1:2 CML / LVPECL Input to CML Output Fanout Buffer
logo
Micrel Semiconductor
SY58012U MICREL-SY58012U_07 Datasheet
133Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR
logo
ON Semiconductor
NB6L11M ONSEMI-NB6L11M Datasheet
147Kb / 9P
   2.5V / 3.3V 1:2 Differential CML Fanout Buffer
December, 2006 ??Rev. 0
NB7V585M ONSEMI-NB7V585M Datasheet
156Kb / 8P
   1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
February, 2009 ??Rev. 1
logo
Micrel Semiconductor
SY58020U MICREL-SY58020U_11 Datasheet
202Kb / 10P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_14 Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
SY58020U MICREL-SY58020U Datasheet
120Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com