Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58018U_0708 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58018U_0708
Description  ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58018U_0708 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58018U_0708 Datasheet HTML 1Page - Micrel Semiconductor SY58018U_0708 Datasheet HTML 2Page - Micrel Semiconductor SY58018U_0708 Datasheet HTML 3Page - Micrel Semiconductor SY58018U_0708 Datasheet HTML 4Page - Micrel Semiconductor SY58018U_0708 Datasheet HTML 5Page - Micrel Semiconductor SY58018U_0708 Datasheet HTML 6Page - Micrel Semiconductor SY58018U_0708 Datasheet HTML 7Page - Micrel Semiconductor SY58018U_0708 Datasheet HTML 8Page - Micrel Semiconductor SY58018U_0708 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Precision Edge®
SY58018U
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
Guaranteed AC performance over temperature and
voltage:
• DC to 5Gbps data throughput
• DC to > 4GHz fMAX (clock)
• < 260ps propagation delay
• < 110ps tr /tf times
Ultra-low crosstalk-induced jitter: 0.7psRMS
Ultra-low jitter design:
• < 1psRMS random jitter
• < 10psPP deterministic jitter
• < 10psPP total jitter (clock)
Unique input termination and VT pin accepts DC-
and AC-coupled inputs (CML, PECL, LVDS)
800mV (100k) LVPECL output swing
Power supply 2.5V ±5% or 3.3V ±10%
–40°C to +85°C temperature range
Available in 16-pin (3mm
∞ 3mm) MLF® package
FEATURES
ULTRA-PRECISION
DIFFERENTIAL LVPECL 2:1 MUX
with INTERNAL TERMINATION
Precision Edge®
SY58018U
APPLICATIONS
Redundant clock distribution
SONET/SDH clock/data distribution
Loopback
Fibre Channel distribution
Rev.: D
Amendment: /0
Issue Date:
August 2007
The SY58018U is a 2.5V/3.3V precision, high-speed, 2:1
differential MUX capable of handling clocks up to 4GHz
and data up to 5Gbps.
The differential input includes Micrel’s unique, 3-pin input
termination architecture that allows customers to interface
to any differential signal (AC- or DC-coupled) as small as
100mV without any level shifting or termination resistor
networks in the signal path. The outputs are 800mV, 100k
compatible, LVPECL, with extremely fast rise/fall times
guaranteed to be less than 110ps.
The SY58018U operates from a 2.5V ±5% supply or a
3.3V ±10% supply and is guaranteed over the full industrial
temperature range of –40°C to +85°C. For applications that
require CML outputs, consider the SY58017U or for 400mV
LVPECL outputs the SY58019U. The SY58018U is part of
Micrel’s high-speed, Precision Edge® product line.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
FUNCTIONAL BLOCK DIAGRAM
TYPICAL PERFORMANCE
Precision Edge and AnyGate are registered trademarsk of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
Precision Edge®
Q0
/Q0
IN0
/IN0
VT0
50
50
IN1
/IN1
VT1
50
50
0
1
MUX
SEL
(TTL/CMOS)
S
5Gbps Output
TIME (25ps/div.)
(2
23—1PRBS)


Similar Part No. - SY58018U_0708

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
More results

Similar Description - SY58018U_0708

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58026U_0708 MICREL-SY58026U_0708 Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58029U MICREL-SY58029U_07 Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY89852U MICREL-SY89852U Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com